Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7808AF/API Datasheet(PDF) 20 Page - KEC(Korea Electronics)

Part # KIA7808AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7808AF/API Datasheet(HTML) 20 Page - KEC(Korea Electronics)

Back Button KIA7808AF/API Datasheet HTML 12Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 13Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 14Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 15Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 16Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 17Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 18Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 19Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 20Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
2013. 1. 14
20/20
KIA7805AF/API~KIA7824AF/API
Revision No : 6
0
D
V
- T
JUNCTION TEMPERATURE T ( C)
1
2
3
050
100
150
j
j
I
=1A
200mA
0
OUT
V =2% OF OUTPUT
VOLTAGE
O
0.1
0.05
100k
10k
1k
100
FREQUENCY f (Hz)
0.03
0.3
0.5
V
=10V
I
=200mA
IN
OUT
OUT
Z
- f
120
80
40
0
AMBIENT TEMPERATURE Ta ( C)
6
9
3
0
160
200
12
15
THERMAL RESISTANCE
J-C
10.4
J-A
96.1
C/W
PD - Ta (AF-Type : DPAK)
Tc=25 C
Fig. 8
Fig. 9
Fig. 10
PD2
PD1
120
80
40
0
AMBIENT TEMPERATURE Ta ( C)
12
8
4
0
160
200
16
20
24
THERMAL RESISTANCE
J-C
6.0
J-A
62.5
C/W
PD - Ta (API-Type : TO-220IS)
Tc=25 C
Fig. 11
PD2
PD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com