Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7809AF/API Datasheet(PDF) 19 Page - KEC(Korea Electronics)

Part # KIA7809AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7809AF/API Datasheet(HTML) 19 Page - KEC(Korea Electronics)

Back Button KIA7809AF/API Datasheet HTML 12Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 13Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 14Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 15Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 16Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 17Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 18Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 19Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 20Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
2013. 1. 14
19/20
KIA7805AF/API~KIA7824AF/API
Revision No : 6
150
2
B
0
0
4
50
100
6
I
- T
RR - I
500
30
60
20
10
OUT
40
100
300
1000
40
30
20
10
0
0.6
IN
V
- I
1.8
1.2
0
SC
JUNCTION TEMPERATURE T ( C)
j
j
KIA7805
V
=10V
I
=0
IN
OUT
OUT
IN
I
=5.0mA
V
=10V
KIA7805
j
j
JUNCTION TEMPERATURE T
( C)
V
- T
6
100
50
4
0
0
OUT
2
150
OUTPUT CURRENT I
(mA)
OUT
80
50
V
=10V (KIA7805)
IN
=16V (KIA7810)
=33V (KIA7824)
f=120Hz
KIA7805
KIA7810
KIA7824
IN
INPUT VOLTAGE V
(V)
KIA7805
Fig. 4
Fig. 5
Fig. 6
Fig. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com