Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7809AF/API Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7809AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7809AF/API Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7809AF/API Datasheet HTML 1Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 2Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 3Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 4Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 5Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 6Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 7Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 8Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2013. 1. 14
1/20
SEMICONDUCTOR
TECHNICAL DATA
KIA7805AF/API~KIA7824AF/API
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 6
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V.
FEATURES
・Internal Thermal Overload Protection.
・Internal Short Circuit Current Limiting.
・Output Current in Excess of 1A.
・Satisfies IEC-65 Specification. (International Electronical Commission).
・Package is DPAK, TO-220IS
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. GND
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
DIM
MILLIMETERS
TO-220IS
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
V
U
D
A
C
2.70 0.30
+
_
Φ3.20 0.20
+
_
3.00 0.30
+
_
13.60 0.50
+
_
4.50 0.20
+
_
2.60 0.20
+
_
2.60 0.15
+
_
5
10
25
10 0.3
+
_
0.76
+0.09
-0.05
0.5
+0.1
-0.05
1.2
+0.25
-0.1
1.5
+0.25
-0.1
15 0.3
+
_
12 0.3
+
_
3.7 0.2
+
_
2.54 0.1
+
_
6.8 0.1
+
_
1. INPUT
2. GND
3. OUTPUT
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7805
KIA7815
VIN
35
V
KIA7818
KIA7824
40
Power Dissipation-1
(No Heatsink)
AF
PD1
1.3
W
API
2.0
Power Dissipation-2
(Infinite Heatsink)
AF
PD2
12.0
W
API
20.8
Operating Junction Temperature
Tj
-30
~150
Storage Temperature
Tstg
-55
~150
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7805AF/API
5
AF : DPAK
API : TO-220IS
KIA7806AF/API
6
KIA7807AF/API
7
KIA7808AF/API
8
KIA7809AF/API
9
KIA7810AF/API
10
KIA7812AF/API
12
KIA7815AF/API
15
KIA7818AF/API
18
KIA7820AF/API
20
KIA7824AF/API
24
LINE-UP


Similar Part No. - KIA7809AF/API

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7809AF/API KEC-KIA7809AF/API Datasheet
1Mb / 20P
SEMICONDUCTOR
More results

Similar Description - KIA7809AF/API

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R00PI KEC-KIA78R00PI Datasheet
429Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com