Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7815AF/API Datasheet(PDF) 18 Page - KEC(Korea Electronics)

Part # KIA7815AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7815AF/API Datasheet(HTML) 18 Page - KEC(Korea Electronics)

Back Button KIA7815AF/API Datasheet HTML 12Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 13Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 14Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 15Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 16Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 17Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 18Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 19Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 20Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
2013. 1. 14
18/20
KIA7805AF/API~KIA7824AF/API
Revision No : 6
(6) IEC (International Electronical Commission)-65 Specification.
(a) IEC (International Electronical Commission)-65 is the standard, parts testing method, machinery and tolls (used in connecting main
power directly and indirectly) Which are used at home and general building. The purpose of the above standard is not to breaking out the
risk which is related to an electric shock, a heating, a fire and the damage of surrounding parts in the case of normal or abnormal operating.
(b) In case temperature is limited by temperature overheating prevention device, fuse or the operation of fuse resistor
One must calculate the temperature of PCB substrate in 2 minute.
ΔT≤110℃ regulated
ΔT=T(The PCB substrate temperature in 2 minute)
-Ta(Ambient temperature)
(c) Graph
As the territory of the deviant line appear by the heat, as the
area is wider, T(The PCB substrate temperature in 2 minute)
is becoming high.
120
time(second)
2
Isc(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com