Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7815AF/API Datasheet(PDF) 11 Page - KEC(Korea Electronics)

Part # KIA7815AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7815AF/API Datasheet(HTML) 11 Page - KEC(Korea Electronics)

Back Button KIA7815AF/API Datasheet HTML 7Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 8Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 9Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 10Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 11Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 12Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 13Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 14Page - KEC(Korea Electronics) KIA7815AF/API Datasheet HTML 15Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2013. 1. 14
11/20
KIA7805AF/API~KIA7824AF/API
Revision No : 6
KIA7818AF/API
ELECTRICAL CHARACTERISTICS (V
IN=27V, IOUT=500mA, 0℃≦Tj≦125℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig. 1
Tj=25℃, IOUT=100mA
17.3
18.0
18.7
V
Input Regulation
Reg line
Fig. 1
Tj=25℃
21V
≦V
IN≦33V
-
13
360
mV
24V
≦V
IN≦30V
-
4
180
Load Regulation
Reg load
Fig. 1
Tj=25℃
5mA
≦I
OUT≦1.4A
-
12
360
mV
250mA
≦I
OUT≦750mA
-
4
180
Output Voltage
VOUT
Fig. 1
21V
≦V
IN≦33V
5.0mA
≦I
OUT≦1.0A, Po≦15W
17.1
-
18.9
V
Quiescent Current
IB
Fig. 1
Tj=25℃, IOUT=5mA
-
4.5
8.0
mA
Quiescent Current Change
ΔI
B
Fig. 1
21V
≦V
IN≦33V
-
-
1.0
mA
Output Noise Voltage
VNO
Fig. 2
Ta=25
℃, 10Hz≦f≦100kHz
IOUT=50mA
-
125
-
μV
rms
Ripple Rejection Ratio
RR
Fig. 3
f=120Hz, 22V
≦V
IN≦32V,
IOUT=50mA, Tj=25℃
52
68
-
dB
Dropout Voltage
VD
Fig. 1
IOUT=1.0A, Tj=25℃
-
2.0
-
V
Short Circuit Current Limit
ISC
Fig. 1
Tj=25℃
-
0.4
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig. 1
IOUT=5mA, 0℃≦Tj≦125℃
-
-2.5
-
mV/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com