Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP222Y Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TOP222Y
Description  Three-terminal Off-line PWM Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222Y Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TOP222Y Datasheet HTML 1Page - Power Integrations, Inc. TOP222Y Datasheet HTML 2Page - Power Integrations, Inc. TOP222Y Datasheet HTML 3Page - Power Integrations, Inc. TOP222Y Datasheet HTML 4Page - Power Integrations, Inc. TOP222Y Datasheet HTML 5Page - Power Integrations, Inc. TOP222Y Datasheet HTML 6Page - Power Integrations, Inc. TOP222Y Datasheet HTML 7Page - Power Integrations, Inc. TOP222Y Datasheet HTML 8Page - Power Integrations, Inc. TOP222Y Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TOP221-227
D
7/01
5
PI-2030-042397
VIN
VOUT
0
IOUT
0
1
2
1
3
1
DRAIN
0
VIN
VC
0
• • •• • •
12
12
81
0
IC
• • •• • •
12
8
81
2
8
1
VC(reset)
compensated to minimize variation of the effective peak current
limit due to temperature related changes in output MOSFET
R
DS(ON).
The leading edge blanking circuit inhibits the current limit
comparator for a short time after the output MOSFET is turned
on. The leading edge blanking time has been set so that current
spikes caused by primary-side capacitances and secondary-side
rectifier reverse recovery time will not cause premature
termination of the switching pulse.
The current limit can be lower for a short period after the leading
edge blanking time as shown in Figure 12. This is due to
dynamic characteristics of the MOSFET. To avoid triggering
the current limit in normal operation, the drain current waveform
should stay within the envelope shown.
Shutdown/Auto-restart
To minimize TOPSwitch power dissipation, the shutdown/
auto-restart circuit turns the power supply on and off at an auto-
restart duty cycle of typically 5% if an out of regulation
condition persists. Loss of regulation interrupts the external
current into the CONTROL pin. V
C regulation changes from
shunt mode to the hysteretic auto-restart mode described above.
When the fault condition is removed, the power supply output
becomes regulated, V
C regulation returns to shunt mode, and
normal operation of the power supply resumes.
Overtemperature Protection
Temperature protection is provided by a precision analog
circuit that turns the output MOSFET off when the junction
temperature exceeds the thermal shutdown temperature
(typically 135
°C). Activating the power-up reset circuit by
removing and restoring input power or momentarily pulling the
CONTROL pin below the power-up reset threshold resets the
latch and allows TOPSwitch to resume normal power supply
operation. V
C is regulated in hysteretic mode and a 4.7 V to
5.7 V (typical) sawtooth waveform is present on the CONTROL
pin when the power supply is latched off.
High-voltage Bias Current Source
This current source biases TOPSwitch from the DRAIN pin and
charges the CONTROL pin external capacitance (C
T) during
start-up or hysteretic operation. Hysteretic operation occurs
during auto-restart and overtemperature latched shutdown.
The current source is switched on and off with an effective duty
cycle of approximately 35%. This duty cycle is determined by
the ratio of CONTROL pin charge (I
C) and discharge currents
(I
CD1 and ICD2). This current source is turned off during normal
operation when the output MOSFET is switching.
Figure 6. Typical Waveforms for (1) Normal Operation, (2) Auto-restart, and (3) Power Down Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com