Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP222Y Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP222Y
Description  Three-terminal Off-line PWM Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222Y Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP222Y Datasheet HTML 1Page - Power Integrations, Inc. TOP222Y Datasheet HTML 2Page - Power Integrations, Inc. TOP222Y Datasheet HTML 3Page - Power Integrations, Inc. TOP222Y Datasheet HTML 4Page - Power Integrations, Inc. TOP222Y Datasheet HTML 5Page - Power Integrations, Inc. TOP222Y Datasheet HTML 6Page - Power Integrations, Inc. TOP222Y Datasheet HTML 7Page - Power Integrations, Inc. TOP222Y Datasheet HTML 8Page - Power Integrations, Inc. TOP222Y Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
®
TOP221-227
TOPSwitch-II Family
Three-terminal Off-line PWM Switch
Figure 1. Typical Flyback Application.
easier. The standard 8L PDIP package option reduces cost in
lower power, high efficiency applications. The internal lead
frame of this package uses six of its pins to transfer heat from
the chip directly to the board, eliminating the cost of a heat sink.
TOPSwitch incorporates all functions necessary for a switched
mode control system into a three terminal monolithic IC: power
MOSFET, PWM controller, high voltage start up circuit, loop
compensation and fault protection circuitry.
Product Highlights
• Lowest cost, lowest component count switcher solution
• Cost competitive with linears above 5W
• Very low AC/DC losses – up to 90% efficiency
• Built-in Auto-restart and Current limiting
• Latching Thermal shutdown for system level protection
• Implements Flyback, Forward, Boost or Buck topology
• Works with primary or opto feedback
• Stable in discontinuous or continuous conduction mode
• Source connected tab for low EMI
• Circuit simplicity and Design Tools reduce time to market
Description
The second generation TOPSwitch-II family is more cost
effective and provides several enhancements over the first
generation TOPSwitchfamily. The TOPSwitch-II family extends
the power range from 100W to 150W for 100/115/230 VAC
input and from 50W to 90W for 85-265 VAC universal input.
This brings TOPSwitch technology advantages to many new
applications, i.e. TV, Monitor, Audio amplifiers, etc. Many
significant circuit enhancements that reduce the sensitivity to
board layout and line transients now make the design even
PI-1951-091996
AC
IN
D
S
C
CONTROL
TOPSwitch
®
6 W
10 W
15 W
20 W
TOP221Y
TOP222Y
TOP223Y
TOP224Y
TOP225Y
TOP226Y
TOP227Y
9 W
15 W
25 W
30 W
TOP221P or TOP221G
TOP222P or TOP222G
TOP223P or TOP223G
TOP224P or TOP224G
OUTPUT POWER TABLE
TO-220 (Y) Package1
8L PDIP (P) or 8L SMD (G) Package2
.
P
MAX
5,6
PART
ORDER
NUMBER
Single Voltage Input
100/115/230 VAC
±15%
3
Wide Range Input
85 to 265 VAC
Single Voltage Input
100/115/230 VAC
±15%
3
Wide Range Input
85 to 265 VAC
P
MAX
5,6
7 W
15 W
30 W
45 W
60 W
75 W
90 W
P
MAX
4,6
12 W
25 W
50 W
75 W
100 W
125 W
150 W
P
MAX
4,6
Notes: 1. Package outline: TO-220/3 2. Package Outline: DIP-8 or SMD-8 3. 100/115 VAC with doubler input 4. Assumes appropriate
heat sinking to keep the maximum TOPSwitch junction temperature below 100
°C. 5. Soldered to 1 sq. in.( 6.45 cm2), 2 oz. copper clad
(610 gm/m2) 6. P
MAX is the maximum practical continuous power output level for conditions shown. The continuous power capability
in a given application depends on thermal environment, transformer design, efficiency required, minimum specified input voltage, input
storage capacitance, etc. 7. Refer to key application considerations section when using TOPSwitch-II in an existing TOPSwitch design.
PART
ORDER
NUMBER
July 2001


Similar Part No. - TOP222Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP222Y POWERINT-TOP222Y Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP222Y POWERINT-TOP222Y Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP222Y POWERINT-TOP222Y Datasheet
480Kb / 20P
Lowest cost, lowest component count switcher solution
TOP222Y POWERINT-TOP222Y Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP222Y POWERINT-TOP222Y Datasheet
492Kb / 21P
Three-terminal Off-line PWM Switch
More results

Similar Description - TOP222Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
Three-terminal Off-line PWM Switch
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com