Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWS Datasheet(PDF) 1 Page - 3M Electronics

Part # MWS
Description  Adustable Elastic Fabric(Standard Performance)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MWS Datasheet(HTML) 1 Page - 3M Electronics

  MWS Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3M™ Wrist Strap – Adustable Elastic Fabric (Standard Performance)
Wrist Strap - Fabric Band standard performance
p
r
o
d
u
c
t
d
a
t
a
s
h
e
e
t
Fabric band wrist strap
item number
see above
1115-a
datasheet
product
Adjustable Fabric Wrist Strap
Standards
Meets the requirements of Eia 625, MiL-std-1686, and MiL-HdbK-263
this standard performance wrist strap set features a fully adjustable stretch fabric
wristband and 6ft coiled cord. the band provides 360 degree conductivity around
the wrist for maximum skin contact. band curling is reduced by the woven band
fabric. the retractable coil cord connects to the wrist band via a 4mm post snap
and contains a 1 megohm resistor. a "spinning style" banana jack reduces cord
tangles and improves the cord's life span. includes alligator clip. band available
in blue or Maroon.
Specifications
Band
Fabric:
Elastic nylon with conductive threads.
color:
blue or Maroon
snap:
stainless steel, 4mm ( 1/8”)
Cord
resistor:
1 megohm
Max current:
0.025 amps
color:
black
Length:
6 feet, extended.
Part Numbers
3M™ Wrist Strap and Cord --
adjustable
Elastic Fabric
bLUEws
blue adjustable Fabric wristband
bLUEws61M
blue adjustable Fabric wristband and 6 ft cord
bLUEws121M
blue adjustable Fabric wristband and 12 ft cord
Mws
Maroon adjustable Fabric wristband
Mws61M
Maroon adjustable Fabric wristband and 6 ft cord
Mws121M
Maroon adjustable Fabric wristband and 12 ft cord
bLcc61M
6 ft cord
bLcc121M
12 ft cord
See 3M Data Sheets for these related items:
3M™ Lotion
3M™ wrist strap checker
3M™Ground Cords
3M Electronic Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
Us and canada: 866-722-3736
Fax: 866-722-3735
intl: 919-718-0000
; Fax: 919-774-8174
email: 3Mstaticinfo@mmm.com
; www.3M.com/static
© 2008
3M is a trademark of 3M company.
all other trademarks herein are the property
of their respective owners.


Similar Part No. - MWS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MWS ILLINOISCAPACITOR-MWS Datasheet
171Kb / 2P
High Voltage
logo
Power-One
MWS020YJY POWER-ONE-MWS020YJY Datasheet
147Kb / 3P
20W Standard Package
MWS020ZGY POWER-ONE-MWS020ZGY Datasheet
147Kb / 3P
20W Standard Package
MWS020ZHY POWER-ONE-MWS020ZHY Datasheet
147Kb / 3P
20W Standard Package
logo
Microsemi Corporation
MWS11 MICROSEMI-MWS11 Datasheet
78Kb / 6P
InGaP HBT Gain Block
More results

Similar Description - MWS

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2175 DALLAS-DS2175 Datasheet
243Kb / 12P
T1/CEPT Elastic Store
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
09100 ETC2-09100 Datasheet
132Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
09104 ETC2-09104 Datasheet
203Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
logo
PANDUIT CORP.
10B015EG PANDUIT-10B015EG Datasheet
32Kb / 1P
POLYESTER ELASTIC
logo
List of Unclassifed Man...
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Maxim Integrated Produc...
DS2175 MAXIM-DS2175 Datasheet
246Kb / 12P
T1/CEPT Elastic Store
092099
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com