Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL001-70BEZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL001-70BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-70BEZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL001-70BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 9Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 10Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 11Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 12Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 13Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 14Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 15Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADXL001
Rev. A | Page 12 of 16
APPLICATIONS INFORMATION
APPLICATION CIRCUIT
Figure 20 shows the standard application circuit for the ADXL001.
Note that VDD and VDD2 should always be connected together.
The output is shown connected to a 1000 pF output capacitor
for improved EMI performance and can be connected directly
to an ADC input. Use standard best practices for interfacing
with an ADC and do not omit an appropriate antialiasing filter.
7
6
5
4
8
3
2
1
DNC
DNC
COM
VDD2
ST
ST
TOP VIEW
(Not to Scale)
VDD
XOUT
DNC
ADXL001
CVDD
0.1µF
VS
XOUT
COUT
1nF
DNC = DO NOT CONNECT
Figure 20. Application Circuit
SELF-TEST
The fixed fingers in the forcing cells are normally kept at the
same potential as that of the movable frame. When the digital
self-test input is activated, the ADXL001 changes the voltage on
the fixed fingers in these forcing cells on one side of the moving
plate. This potential creates an attractive electrostatic force, causing
the sensor to move toward those fixed fingers. The entire signal
channel is active; therefore, the sensor displacement causes a
change in XOUT. The ADXL001 self-test function verifies proper
operation of the sensor, interface electronics, and accelerometer
channel electronics.
Do not expose the ST pin to voltages greater than VS + 0.3 V. If
this cannot be guaranteed due to the system design (for instance, if
there are multiple supply voltages), then a low VF clamping
diode between ST and VS is recommended.
ACCELERATION SENSITIVE AXIS
The ADXL001 is an x-axis acceleration and vibration-sensing
device. It produces a positive-going output voltage for vibration
toward its Pin 8 marking.
PIN 8
Figure 21. XOUT Increases with Acceleration in the Positive X-Axis Direction
OPERATING VOLTAGES OTHER THAN 5 V
The ADXL001 is specified at VS = 3.3 V and VS = 5 V. Note that
some performance parameters change as the voltage is varied.
In particular, the XOUT output exhibits ratiometric offset and
sensitivity with supply. The output sensitivity (or scale factor) scales
proportionally to the supply voltage. At VS = 3.3 V, the output
sensitivity is typically 16 mV/g. At VS = 5 V, the output sensitivity
is nominally 24.2 mV/g. XOUT zero-g bias is nominally equal to
VS/2 at all supply voltages.
3.5
3.0
2.5
2.0
1.5
1.0
3.2
3.7
4.2
4.7
5.2
5.7
SUPPLY VOLTAGE (V)
HIGH LIMIT
LOW LIMIT
NOMINAL ZERO-g
Figure 22. Typical Zero-g Bias Levels Across Varying Supply Voltages
Self-test response in gravity is roughly proportional to the cube
of the supply voltage. For example, the self-test response for the
ADXL001-70 at VS = 5 V is approximately 1.4 V. At VS = 3.3 V,
the self-test response for the ADXL001-70 is approximately
400 mV. To calculate the self-test value at any operating voltage
other than 3.3 V or 5 V, the following formula can be applied:
(STΔ @ VX) = (STΔ @ VS) × (VX/VS)3
where:
VX is the desired supply voltage.
VS is 3.3 V or 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com