Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL001-70BEZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL001-70BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-70BEZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADXL001-70BEZ-R7 Datasheet HTML 1Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 2Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 3Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 4Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 5Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 6Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 7Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-70BEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Performance,
Wide Bandwidth Accelerometer
ADXL001
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
High performance accelerometer
±70 g, ±250 g, and ±500 g wideband ranges available
22 kHz resonant frequency structure
High linearity: 0.2% of full scale
Low noise: 4 mg/√Hz
Sensitive axis in the plane of the chip
Frequency response down to dc
Full differential signal processing
High resistance to EMI/RFI
Complete electromechanical self-test
Output ratiometric to supply
Velocity preservation during acceleration input overload
Low power consumption: 2.5 mA typical
8-terminal, hermetic ceramic, LCC package
APPLICATIONS
Vibration monitoring
Shock detection
Sports diagnostic equipment
Medical instrumentation
Industrial monitoring
GENERAL DESCRIPTION
The ADXL001 is a major advance over previous generations of
accelerometers providing high performance and wide bandwidth.
This part is ideal for industrial, medical, and military applications
where wide bandwidth, small size, low power, and robust
performance are essential.
Using the Analog Devices, Inc. proprietary fifth-generation
iMEMs® process enables the ADXL001 to provide the desired
dynamic range that extends from ±70 g to ±500 g in combin-
ation with 22 kHz of bandwidth. The accelerometer output
channel passes through a wide bandwidth differential-to-single-
ended converter, which allows access to the full mechanical
performance of the sensor.
The part can operate on voltage supplies from 3.3 V to 5 V.
The ADXL001 also has a self-test (ST) pin that can be asserted to
verify the full electromechanical signal chain for the accelerometer
channel.
The ADXL001 is available in the industry-standard 8-terminal
LCC and is rated to work over the extended industrial temperature
range (−40°C to +125°C).
–15
–12
–9
–6
–3
0
3
6
9
12
15
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 1. Sensor Frequency Response
FUNCTIONAL BLOCK DIAGRAM
TIMING
GENERATOR
ADXL001
XOUT
DIFFERENTIAL
SENSOR
MOD
DEMOD
AMP
SELF-TEST
ST
COM
OUTPUT
AMPLIFIER
VS
VDD
VDD2
Figure 2.


Similar Part No. - ADXL001-70BEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001-70 AD-ADXL001-70 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
More results

Similar Description - ADXL001-70BEZ-R7

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
HIGH PERFORMANCE ACCELEROMETER
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
Wide Bandwidth
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
4/2018-Revision 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
8/2018-Revision 0
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
1/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com