Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL001-500BEZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL001-500BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-500BEZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL001-500BEZ-R7 Datasheet HTML 7Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 9Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 10Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 11Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 12Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 13Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 14Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADXL001
Rev. A | Page 11 of 16
THEORY OF OPERATION
DESIGN PRINCIPLES
The ADXL001 accelerometer provides a fully differential sensor
structure and circuit path for excellent resistance to EMI/RFI
interference.
This latest generation SOI MEMS device takes advantage
of mechanically coupled but electrically isolated differential
sensing cells. This improves sensor performance and size
because a single proof mass generates the fully differential
signal. The sensor signal conditioning also uses electrical
feedback with zero-force feedback for improved accuracy
and stability. This force feedback cancels out the electrostatic
forces contributed by the sensor circuitry.
Figure 19 is a simplified view of one of the differential sensor
cell blocks. Each sensor block includes several differential
capacitor unit cells. Each cell is composed of fixed plates attached
to the device layer and movable plates attached to the sensor
frame. Displacement of the sensor frame changes the differential
capacitance. On-chip circuitry measures the capacitive change.
MECHANICAL SENSOR
The ADXL001 is built using the Analog Devices SOI MEMS
sensor process. The sensor device is micromachined in-plane
in the SOI device layer. Trench isolation is used to electrically
isolate, but mechanically couple, the differential sensing elements.
Single-crystal silicon springs suspend the structure over the
handle wafer and provide resistance against acceleration forces.
UNIT
SENSING
CELL
MOVABLE
FRAME
FIXED
PLATES
UNIT
FORCING
CELL
ANCHOR
MOVING
PLATE
PLATE
CAPACITORS
ANCHOR
Figure 19. Simplified View of Sensor Under Acceleration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com