Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL001-500BEZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL001-500BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-500BEZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADXL001-500BEZ-R7 Datasheet HTML 1Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 2Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 3Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 4Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 5Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 6Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 7Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-500BEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADXL001
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Specifications for 3.3 V Operation............................................. 3
 
Specifications for 5 V Operation ................................................ 4
 
Recommended Soldering Profile ............................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 11
 
Design Principles........................................................................ 11
 
Mechanical Sensor ..................................................................... 11
 
Applications Information .............................................................. 12
 
Application Circuit..................................................................... 12
 
Self-Test ....................................................................................... 12
 
Acceleration Sensitive Axis ....................................................... 12
 
Operating Voltages Other Than 5 V........................................ 12
 
Layout, Grounding, and Bypassing Considerations .................. 13
 
Clock Frequency Supply Response .......................................... 13
 
Power Supply Decoupling ......................................................... 13
 
Electromagnetic Interference ................................................... 13
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
2/10—Rev. 0 to Rev. A
Added -250 and -500 models............................................Universal
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Added Figure 9 through Figure 18 ................................................. 8
Changes to Ordering Guide .......................................................... 14
1/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com