Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737CLGEFL/R Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
13
Test Conditions
DBVDD = 3.3V, DCVDD = 1.42 to 3.6V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
0
400
kHz
SCLK Low Pulse-Width
t1
1.3
us
SCLK High Pulse-Width
t2
600
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDIN, SCLK Rise Time
t6
300
ns
SDIN, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com