Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737CLGEFL/R Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8737CLGEFL/R
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737CLGEFL/R Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8737CLGEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8737CLGEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
WM8737L
Production Data
w
PD, Rev 4.4, January 2012
28
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
LRP
0
Right, left & I2S modes – ADCLRC
polarity
1 = invert ADCLRC polarity
0 = normal ADCLRC polarity
DSP Mode – mode A/B select
1 = MSB is available on 1st BCLK
rising edge after ADCLRC rising edge
(mode B)
0 = MSB is available on 2nd BCLK
rising edge after ADCLRC rising edge
(mode A)
6
MS
0
Master / Slave Mode Control
1: Master Mode
0: Slave Mode
7
SDODIS
0
ADCDAT serial data pin disable
0: ADCDAT pin enabled
1: ADCDAT pin off (high impedance)
Table 14 Audio Data Format Control
Note: Right Justified mode does not support 32-bit data. If WL=11 in Right justified mode, the actual
word length is 24 bits.
To prevent any communication problems on the Audio Interface, the interface is disabled (ADCDAT
tristated and floating) when the WM8737L starts up. Once the Audio Interface and sample rates have
been programmed, the audio interface can be activated under software control by setting the AI bit
(see “Power Management” section).
MASTER CLOCK AND AUDIO SAMPLE RATES
The master clock (MCLK) is used to operate the digital filters and the noise shaping circuits. The
WM8737L supports a wide range of master clock frequencies, and can generate many commonly
used audio sample rates directly from the master clock.
There are two clocking modes:
‘Normal’ mode supports master clocks of 128fs, 192fs, 256fs, 384fs, and their multiples
USB mode supports 12MHz or 24MHz master clocks. This mode is intended for use in
systems with a USB interface, and eliminates the need for an external PLL to generate
another clock frequency for the audio ADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking and
Sample Rate
Control
6
CLKDIV2
0
Master Clock Divide by 2
1: MCLK is divided by 2
0: MCLK is not divided
0
USB
0
Clocking Mode Select
1: USB Mode
0: ‘Normal’ Mode
5:1
SR[4:0]
0000
Sample Rate Control
7
AUTO
DETECT
0
Clock Ratio Autodetect
(Slave Mode Only)
0: Autodetect Off
1: Autodetect On
Table 15 Clocking and Sample Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com