Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/RV Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/RV Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
WM8782
Production Data
w
PD, April 2010, Rev 4.7
8
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
Figure 1 System Clock Timing Requirements
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, fs = 48kHz, Slave Mode, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
TMCLKL
11
ns
MCLK System clock pulse width low
TMCLKH
11
ns
MCLK System clock cycle time
TMCLKY
28
ns
MCLK duty cycle
TMCLKDS
40:60
60:40
Table 1 Master Clock Timing Requirements
AUDIO INTERFACE TIMING – MASTER MODE
Figure 2 Digital Audio Data Timing – Master Mode (see Control Interface)
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
LRCLK propagation delay from BCLK falling edge
tDL
0
10
ns
DOUT propagation delay from BCLK falling edge
tDDA
0
10
ns
Table 2 Digital Audio Data Timing – Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com