Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/RV Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/RV Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8782SEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
WM8782
Production Data
w
PD, April 2010, Rev 4.7
10
SLAVE MODE MCLK / BCLK TIMING
MCLK1
MCLK2
BCLK
V_LOW
A
B
C
D
Keep-out area for MCLK/BCLK relationship
V_LOW
V_HI
Figure 4 MCLK / BCLK prohibited timing relationship in slave mode
TIMING
TIME (ns)
DESCRIPTION
A
9
MCLK falling edge to BCLK falling edge keep-out window
B
4
C
9
MCLK rising edge to BCLK falling edge keep-out window
D
4
Table 4 Prohibited area timings
In slave mode operation, there are two windows where the BCLK falling edge relative to the MCLK
falling/rising edge is not allowed, as defined in Figure 4 and Table 4. Any device with clocks operating
in this area may cause incorrect operation of the ADC, as detailed in WTR0444.
This specification is guaranteed by design rather than test, and the timings are related to the
switching level of the MCLK and BCLK pads. Simulation has shown the switching level range for both
the MCLK and BCLK pads across process, voltage and temperature to be as per the table below.
SWITCHING LEVEL
MIN (V)
MAX (V)
V_LOW
1.1
1.4
V_HI
1.3
1.6
Table 5 Simulated switching area range
If the above timing constraints cannot be met in slave mode, it is recommended that WM8782A
silicon is used in place of WM8782.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com