Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8788 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8788
Description  High Performance 24-bit Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8788 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8788 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Preliminary Technical Data
WM8788
w
PTD, December 2010, Rev 2.2
13
DIGITAL AUDIO INTERFACE CONTROL
The digital audio interface protocol is selected using the control pins AIFMODE0 and AIFMODE1, as
described in Table 1.
AIFMODE1
AIFMODE0
FORMAT
0
0
16-bit Right-justified
0
1
20-bit Right-justified
0
Z
24-bit Right-justified
1
0
16-bit Left-justified
1
1
20-bit Left-justified
1
Z
24-bit Left-justified
Z
0
16-bit I2S
Z
1
20-bit I2S
Z
Z
24-bit I2S
Table 1 Digital Audio Interface Mode Select
For Slave Mode, set MASTER = 0 and set OSR according to the applicable sample rate.
MASTER
OSR
SAMPLE RATE
0
0
8, 16, 32, 44.1, 48kHz
0
1
88.2, 96kHz
0
Z
176.4, 192kHz
Table 2 Slave Mode Configuration
In Slave Mode, the MCLK and LRCLK inputs must conform to a valid clocking ratio, as noted below.
The LRCLK frequency is the same as the sample rate, fs. MCLK frequencies of 128fs, 192fs, 256fs,
384fs, 512fs and 768fs can be supported, depending on the sample rate.
The BCLK signal is an input to the WM8788 in slave mode. A range of BCLK frequencies can be
supported, provided there are sufficient BCLK cycles for the selected data word length. The BCLK
frequency must not be higher than the MCLK frequency, and must not be higher than 12.288MHz.
SAMPLE RATE
MCLK FREQUENCY (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
8kHz
n/a
n/a
2.048
3.072
4.096
6.144
16kHz
n/a
n/a
4.096
6.144
8.192
12.288
32kHz
n/a
n/a
8.192
12.288
16.384
24.576
44.1kHz
n/a
n/a
11.2896
16.9344
22.5792
33.8688
48kHz
n/a
n/a
12.288
18.432
24.576
36.864
88.2kHz
11.2896
16.9344
22.5792
33.8688
n/a
n/a
96kHz
12.288
18.432
24.576
36.864
n/a
n/a
176.4kHz
22.5792
33.8688
n/a
n/a
n/a
n/a
192kHz
24.576
36.864
n/a
n/a
n/a
n/a
Table 3 MCLK Frequency in Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com