Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8788 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8788
Description  High Performance 24-bit Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8788 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8788 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 22Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Preliminary Technical Data
WM8788
w
PTD, December 2010, Rev 2.2
21
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MO-153, VARIATION = AB. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM013.B
DT: 16 PIN TSSOP (5.0 x 4.4 x 1.0 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
0.80
1.00
1.05
b
0.19
-----
0.30
c
0.09
-----
0.20
D
4.90
5.00
5.10
e
0.65 BSC
E
6.4 BSC
E1
4.30
4.40
4.50
L
0.45
0.60
0.75
θ
0
o
-----
8
o
REF:
JEDEC.95, MO-153
A A2
A1
θ
c
L
GAUGE
PLANE
0.25
8
1
D
9
16
E1
E
e
b
SEATING PLANE
-C-
0.1 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com