Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8422BRMZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8422BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8422
Data Sheet
Rev. 0 | Page 16 of 24
–20
–16
–12
–8
–4
0
4
8
12
16
20
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
RL = 2kΩ
RL = 10kΩ
VS = ±15V
G = 100
Figure 40. Gain Nonlinearity (G = 100)
–50
–40
–30
–20
–10
0
10
20
30
40
50
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
RL = 2kΩ
RL = 10kΩ
VS = ±15V
G = 1000
Figure 41. Gain Nonlinearity (G = 1000)
1
10
100
1k
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1
G = 10
G = 1000
G = 100
Figure 42. Voltage Noise Spectral Density vs. Frequency
G = 1000, 100nV/DIV
1s/DIV
G = 1, 1µV/DIV
Figure 43. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1, G = 1000)
10
100
1k
10k
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 44. Current Noise Spectral Density vs. Frequency
1s/DIV
5pA/DIV
Figure 45. 0.1 Hz to 10 Hz Current Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com