Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8422BRMZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8422BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8422
Rev. 0 | Page 17 of 24
0
5
10
15
20
25
30
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = 1
VS = +5V
VS = ±15V
Figure 46. Large Signal Frequency Response
13.6
μs TO 0.01%
15.2µs TO 0.001%
0.002%/DIV
5V/DIV
1
0μs/DIV
Figure 47. Large Signal Pulse Response and Settling Time (G = 1), 10 V Step,
VS = ±15 V, RL = 2 kΩ, CL = 100 pF
12.8μs TO 0.01%
15.1µs TO 0.001%
0.002%/DIV
5V/DIV
1
0μs/DIV
Figure 48. Large Signal Pulse Response and Settling Time (G = 10), 10 V Step,
VS = ±15 V, RL = 2 kΩ, CL = 100 pF
1
2.0μs TO 0.01%
15.2µs TO 0.001%
0.002%/DIV
5V/DIV
1
0μs/DIV
Figure 49. Large Signal Pulse Response and Settling Time (G = 100),
10 V Step, VS = ±15 V, RL = 2 kΩ, CL = 100 pF
80μs TO 0.01%
160µs TO 0.001%
0.002%/DIV
5V/DIV
1
00μs/DIV
Figure 50. Large Signal Pulse Response and Settling Time (G = 1000),
10 V Step, VS = ±15 V, RL = 2 kΩ, CL = 100 pF
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
20
STEP SIZE (V)
SETTLED TO 0.01%
SETTLED TO 0.001%
RL = 2kΩ
CL = 100pF
Figure 51. Settling Time vs. Step Size (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com