Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-45GS Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-45GS
Description  Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-45GS Datasheet(HTML) 1 Page - AAEON Technology

  COM-45GS Datasheet HTML 1Page - AAEON Technology COM-45GS Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
05-9
05
Features
Specifications
COM-45GS
Onboard Intel® Core™ 2 Duo/ Celeron® M Processor
■
■
Intel® GS45 + ICH9M SFF
■
■
Dual-Channel SODIMM DDR3 800/1066 Memory, Max. 8 GB
■
■
Gigabit Ethernet
■
■
CRT, Up To 24-bit Dual-Channel LVDS LCD, DisplayPort™,
■
■
HDMI, DVI, SDVO
High Definition Audio Interface
■
■
PATA x 1, SATA 3.0Gb/s x 3
■
■
USB2.0 x 8
■
■
PCI x 4, PCI-Express [x16] x 1, PCI-Express [x1] x 5
■
■
Wide DC Input Range, +8.5V To +19V (Optional)
■
■
COM Express Basic Module, Pin-out Type 2, COM.0 Rev. 1.0
■
■
COM Express Type 2 CPU Module With Onboard Intel® Core™ 2 Duo/ Celeron® M Processor
M2.5 Screw x 5
•
Product CD
•
COM-45GS
•
Packing List
System
Form Factor
COM Express basic module, Pin-out Type 2 COM.0 Rev. 1.0
Processor
Onboard Intel® Core™ 2 Duo/ Celeron® M (SFF, 22 x 22 mm) processor
System Memory
204-pin DDR3 SODIMM x 2, Max. 8 GB (DDR3 800/1066), supports dual-channel
function
Chipset
Intel®GS45 + ICH9M SFF
I/O Chipset
ICH9M SFF
Ethernet
Intel® 82567LM, 10/100/1000Base-TX
TPM
v1.2
BIOS
AWARD BIOS v8.0
SPI type, 2 MB ROM With legacy-free BIOS (Default)
EEPROM
Atmel® AT24C02, save BIOS and configuration data (Optional)
Wake on LAN
Yes
Watchdog Timer
Fintek F75111
H/W Status Monitoring
Supports CPU temperature monitoring
Expansion Interface
PCI-Express [x16] x 1 (Shared with 2 SDVOs/ 3 DisplayPorts/ 2 HDMIs/ 2 DVIs)
==> Can be configured as PCI-Express [x1]/ [x2]/ [x4]/ [x8]
PCI-Express [x1] x 5
32-bit PCI x 4
LPC bus x 1
SMBus x 1
I2C x 1
Power Requirement
Wide DC input range, +8.5V to +19V (Optional)
Nominal: +12V
2-pin wafer for RTC battery
Power Consumption
(Typical)
Intel® SP9300 2.26 GHz, DDR3 1066 4 GB
3A @ +12V, 0.81A @ +5V (w/ECB-916M)
Board Size
4.92”(L) x 3.74”(W) (125mm x 95mm)
Gross Weight
0.66 lb (0.3 Kg)
Operating Temperature
32
°F ~ 140°F (0°C ~ 60°C), -4°F ~ 158°F (-20°C ~ 70°C) for WiTAS 1
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
85,000
Display
Supports CRT/LCD, CRT/DVI, LCD/DVI simultaneous/ dual view displays
Chipset
Intel® GS45 integrated
Integrates hardware MPEG2 decoder
Supports WMV9 (VC-1) and H.264 (AVC)
Memory
Shared system memory up to 512 MB/ DVMT 5.0
Resolution
Up to 2048 x 1536 (QXGA) for CRT
Up to 1920 x 1200 (QXGA) for LCD
LCD Interface
Up to 24-bit dual-channel LVDS
SDVO/ DVO/ Side Port
Supports SDVO x 2 (Shared with PCI-Express [x16])
HDMI
Supports HDMI x 2 (Shared with PCI-Express [x16], needs to add a level shifter)
DVI
Supports DVI x 2 (Shared with PCI-Express [x16], needs to add a level shifter)
DisplayPort
Supports DisplayPort™ x 3 (Shared with PCI-Express [x16])
I/O
Storage
PATA x 1 (One device)
SATA 3.0Gb/s x 3
USB
USB2.0 x 8
Audio
High definition audio
GPIO
Up to 4 in or 4 out
Dual-channel DDR3 SODIMM
2-pin wafer for
RTC Battery
ICH9M SFF
Intel®
82567LM
Gigabit Ethernet
GS45
Intel® Penryn SFF Processor


Similar Part No. - COM-45GS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-45SP AAEON-COM-45SP Datasheet
253Kb / 2P
COM Express Type 2 CPU Module With Intel Core 2 Duo/ Celeron M (Socket-P Based) Processor
More results

Similar Description - COM-45GS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-554 ADVANTECH-AIMB-554 Datasheet
358Kb / 2P
Socket 478 Core??2 Duo/Core??Duo/ Celeron짰 M Processor-based MicroATX with DDR2/Dual LAN
logo
AAEON Technology
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEV-6356 AAEON-AEV-6356 Datasheet
359Kb / 2P
Intel짰 Core??i7-3517UE or Celeron짰 847E Onboard
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
Onboard Intel짰 Celeron짰 M Processor
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
Onboard Intel짰 Celeron짰 M Low Power CPU
COM-965 AAEON-COM-965 Datasheet
367Kb / 1P
Intel짰 Core??2 Duo/ Celeron짰 M (Socket-P Based) Processors
COM-965W1 AAEON-COM-965W1 Datasheet
368Kb / 1P
Onboard Intel짰 Core??2 Duo L7500 (1.6 GHz) Processor
FOX-80 AAEON-FOX-80 Datasheet
466Kb / 2P
Onboard Intel짰 Ultra Low Voltage Celeron짰 M Processor
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
Onboard Intel짰 Low Power Celeron짰 M Processor
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
Intel Core 2 Duo/Celeron짰 M processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com