Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-45GS Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-45GS
Description  Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-45GS Datasheet(HTML) 2 Page - AAEON Technology

  COM-45GS Datasheet HTML 1Page - AAEON Technology COM-45GS Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-10
Dimension
Unit: mm
COM-45GS
Ordering Information
TF-ECB-916M-A10-01
•
COM Express Carrier Board, microATX, 2 Gigabit Ethernet, 7.1CH Audio, 4 COM, USB, PCI-Express, AT/ATX, Rev. A1.0
TF-PER-A073
•
CPU Cooler, For COM-45GS, Onboard CPU, 12V Fan
TF-PER-A074
•
Passive Heatsink, For COM-45GS, Onboard CPU
TF-PER-A075
•
Heat Spreader Kit, For COM-45GS, Onboard CPU
Optional Accessories
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
URAT
Expansion Slot
Power
Temp
TF-COM-45GS-A10
2 (COM.0 Rev.1.0)
Intel® Core™2 Duo
SL9400/1.86G, 17W
DDR3 SODIMM x 2
Max.8GB
CRT, LVDS, SDVO,
HDMI, DP, DVI
24-bit dual channel
SATA2 x 3
PATA x 1
GbE x 1
USB2.0 x 8
—
PCI-E [x16] x 1
PCI-E [x1] x 5
32-bit PCI x 4
12V
0°C ~ 60°C
TF-COM-45GSW1-A10
2 (COM.0 Rev.1.0)
Intel® Core™2 Duo
SL9400/1.86G, 17W
DDR3 SODIMM x 2
Max.8G
CRT, LVDS, SDVO,
HDMI, DP, DVI
24-bit dual channel
SATA2 x 3
PATA x 1
GbE x 1
USB2.0 x 8
—
PCI-E [x16] x 1
PCI-E [x1] x 5
32-bit PCI x 4
12V
WiTAS 1
(-20°C ~ 70°C)
TF-COM-45GS-A10-01
2 (COM.0 Rev.1.0)
Intel® Core™2 Duo
SU9300/1.2G, 10W
DDR3 SODIMM x 2
Max.8GB
CRT, LVDS, SDVO,
HDMI, DP, DVI
24-bit dual channel
SATA2 x 3
PATA x 1
GbE x 1
USB2.0 x 8
—
PCI-E [x16] x 1
PCI-E [x1] x 5
32-bit PCI x 4
12V
0°C ~ 60°C
TF-COM-45GSW1-A10-01
2 (COM.0 Rev.1.0)
Intel® Core™2 Duo
SU9300/1.2G, 10W
DDR3 SODIMM x 2
Max.8GB
CRT, LVDS, SDVO,
HDMI, DP, DVI
24-bit dual channel
SATA2 x 3
PATA x 1
GbE x 1
USB2.0 x 8
—
PCI-Express [x16] x1
PCI-Express [x1] x5
32-bit PCI x 4
12V
WiTAS 1
(-20°C ~ 70°C)
TF-COM-45GS-A10-02
2 (COM.0 Rev.1.0)
Intel® Celeron® M ULV
723/1.2G , 10W
DDR3 SODIMM x 2
Max.8GB
CRT, LVDS, SDVO,
HDMI, DP, DVI
24-bit dual channel
SATA2 x 3
PATA x 1
GbE x 1
USB2.0 x 8
—
PCI-E[x16] x 1
PCI-E[x1] x 5
32-bit PCI x 4
12V
0°C ~ 60°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com