Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD4448HTW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBD4448HTW
Description  Switching Diode Small Signal Diode Fast switching speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBD4448HTW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBD4448HTW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBD4448HAQW/HADW/HCDW/HSDW/HTW
Switching Diode
Small Signal Diode
Electrical Characteristics
I F=
VR=
VR=
VR=
VR=
Junction Capacitance
Notes: 2. Short duration test pulse used tu minimize self-heating effect
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocket hole position
Punch hole position
Sprocket hole pitch
Embossment center
Tape width
Reel width
Type Number
-
-
0.72
0.855
1.0
1.25
30
25
80
0.62
'-
'-
'-
-
'-
VF
Reverse Breakdown Voltage
I R=100μA
Units
Max
-
100.0
-
CJ
Min
Symbol
V(BR)
-
ns
3.5
V
50.0
V
nA
4.0
pF
μA
μA
nA
Forward Voltage
Reverse Recovery Time
IF=5mA,VR=6V
IR
Trr
5.0mA
10mA
100mA
150mA
25V,TJ=150℃
20V
Reverse Leakage Current
70V
75V,TJ=150℃
VR=6V, f=1 MHz
W
9.5 ±1
P0
4.00 ±0.1
P1
2.00 ±0.1
F
3.50 ±0.1
1.50 ± 0.1
D
178 ± 2
d
D2
13.0 ± 1
E
1.75 ±0.10
Item
Symbol
C
1.20 ±0.05
W1
12.3 ±1
D1
54.4±1
B
2.55 ±0.05
Dimension(mm)
A
2.25 ±0.05
W1
D1
D2
D
C
d
P
1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Version : B12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com