Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD4448HTW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBD4448HTW
Description  Switching Diode Small Signal Diode Fast switching speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBD4448HTW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBD4448HTW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBD4448HAQW/HADW/HCDW/HSDW/HTW
Switching Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
High Conductance Power Dissipation
For General Purpose Switching Applications
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :SOT-363 small outline plastic package
0.071
0.079
1.800
2.000
0.045
0.053
1.150
1.350
0.006
0.012
0.150
0.300
-
0.043
-
1.100
Part No.
Package
Packing
Code
Packing
MBD4448HAQW SOT-363
RF
3K / 7" Reel
MBD4448HADW SOT-363
RF
3K / 7" Reel
MBD4448HCDW SOT-363
RF
3K / 7" Reel
MBD4448HSDW SOT-363
RF
3K / 7" Reel
MBD4448HTW
SOT-363
RF
3K / 7" Reel
MBD4448HAQW SOT-363
RFG
3K / 7" Reel
MBD4448HADW SOT-363
RFG
3K / 7" Reel
MBD4448HCDW SOT-363
RFG
3K / 7" Reel
MBD4448HSDW SOT-363
RFG
3K / 7" Reel
MBD4448HTW
SOT-363
RFG
3K / 7" Reel
Maximum Ratings
‘@ t=1μs
’@ t=1s
V
mA
Non-Repetitive Peak Forward Surge Current
0.051BSC
1.300BSC
0.083BSC
2.100BSC
mA
Power Dissipation
Type Number
SOT-363
Note1. Device mounted on FR-4 PCB, 1 inch×0.85 inch×0.062 inch
Repetitive Peak Reverse Voltage
Rating at 25°C ambient temperature unless otherwise specified.
Units
mW
80
A
V
Reverse Voltage
Average Rectified Forward Current
VR
IF(AV)
57
500
250
IFSM
4
VRRM
Average Rectified Output Current
IO
Symbol
0.420
PD
200
0.017
Value
D
E
F
Maximum Ratings and Electrical Characteristics
High temperature soldering guaranteed: 260°C/10s
G
Pin Configuration
Ordering Information
Features
Mechanical Data
Unit (mm)
A
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Fast switching speed
Unit (inch)
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
B
C
1.5
Thermal Resistance (Junction to Ambient)
RθJA
625
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
MBD4448HAQW
MBD4448HCDW
MBD4448HADW
MBD4448HTW
MBD4448HSDW
Version : B12


Similar Part No. - MBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBD4448HTW TSC-MBD4448HTW Datasheet
658Kb / 4P
Switching Diode
More results

Similar Description - MBD4448HTW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N4151 GOOD-ARK-1N4151 Datasheet
170Kb / 3P
Small-Signal Diode Fast Switching Diode
logo
Vishay Siliconix
BAL99-V VISHAY-BAL99-V Datasheet
245Kb / 4P
Small Signal Fast Switching Diode
12-Jul-06
MCL4154 VISHAY-MCL4154 Datasheet
131Kb / 5P
Small Signal Fast Switching Diode
07-Mar-06
logo
GOOD-ARK Electronics
LL4150 GOOD-ARK-LL4150 Datasheet
55Kb / 1P
Small-Signal Diode Fast Switching Diode
LL4151 GOOD-ARK-LL4151 Datasheet
163Kb / 3P
Small-Signal Diode Fast Switching Diode
1N4454 GOOD-ARK-1N4454_15 Datasheet
164Kb / 2P
Small-Signal Diode Fast Switching Diode
1N4151 GOOD-ARK-1N4151_15 Datasheet
171Kb / 3P
Small-Signal Diode Fast Switching Diode
1N4150 GOOD-ARK-1N4150_15 Datasheet
59Kb / 1P
Small-Signal Diode Fast Switching Diode
1N4148 GOOD-ARK-1N4148_15 Datasheet
168Kb / 4P
Small-Signal Diode Fast Switching Diode
1N914 GOOD-ARK-1N914_15 Datasheet
64Kb / 1P
Small-Signal Diode Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com