Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTP-639USL100-R Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FTP-639USL100-R
Description  24V driven receipt, ticket printer 3??KIOSK printer unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTP-639USL100-R Datasheet(HTML) 2 Page - fujitsu semiconductor

  FTP-639USL100-R Datasheet HTML 1Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 2Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 3Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 4Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 5Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 6Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 7Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 8Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FTP-639USL100-R Series
PRELIMINAR
Y
Interface
Serial (RS232C), USB
24VDC ± 5%, Voltage
Current : average*1 ( ): Peak 12.5% printing ratio
For head
1.0 (2.0) A (at 200 mm/s printing speed, 1 division)
0.7 (1.0) A (at 125 mm/s printing speed, 2 divisions)
0.6 (1.0) A (at 80 mm/s printing speed, 2 divisions)
0.6 (2.0) A (at 80mm/s printing speed, automatic division)
For print motor
24VDC ± 5%, 1.1 A maximum, 0.9A average
For cutter
24VDC ± 5%, 1.3 A maximum
For logic
5VDC ± 5%, 0.2 A maximum (converted from 24V)
Part number
FTP-639USL101/102/201/202
Printing method
Thermal-sensitive line dot method
Dot structure
576 dots/line
Dot pitch (Horizontal)
0.125 mm (8 dots/mm)—Dot density
Dot pitch (Vertical)
0.125 mm (8 dots/mm)—Line feed pitch
Effective printing area
72 mm
Paper width
80 mm
Paper thickness
60 to 100 µm
Paper print length
50 to 250mm
Cutting type
Full or partial
Number of columns
48 columns/line (12×24 dot font)
Maximum printing speed
1600 dotlines/s (200 mm/s)
Page mode
Middle speed mode
80mm/sec. without automatic division
High speed mode
125 mm/sec.without automatic division
Ultra high speed mode
200 mm/sec.without automatic division
Alphanumeric KANA: 159, Registered: 94, International: 195, OCR: 103
Character types
JIS KANJI (FTP-629DSL400): approximately 6800
24 × 12 dots, (3.0 × 1.5 mm), 48 columns
24 × 24 dots, (3.0 × 3.0 mm), 24 columns
16 × 8 dots, (2.0 × 1.0 mm), 72 columns
16 × 16 dots, (2.0 × 2.0 mm), 36 columns
OCR I: 24 × 40, 24 columns
OCR III: 24 × 48, 24 columns
OCR IV: 36×60, 16 columns
Expanded: 24×48, 24 columns
n
SPEcIFIcATIONS
Specifications
Item
+0
-1
Character composition, dimensions (H×W),
Number of characters
Power supply
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com