Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTP-639USL100-R Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FTP-639USL100-R
Description  24V driven receipt, ticket printer 3??KIOSK printer unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTP-639USL100-R Datasheet(HTML) 3 Page - fujitsu semiconductor

  FTP-639USL100-R Datasheet HTML 1Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 2Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 3Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 4Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 5Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 6Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 7Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 8Page - fujitsu semiconductor FTP-639USL100-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FTP-639USL100-R Series
PRELIMINAR
Y
Operatingtemperature –20˚Cto+60°C
Operating humidity
10 to 85% RH (no condensation)
Storagetemperature
–25˚Cto+65°C(excludingpaper)
Storage humidity
5 to 90% RH (no condensation)
Head temperature
By thermistor (applied energy control, abnormal temperature detection)
Detection
Paper out/Mark detect
By photointerrupter
Platen open
By microswitch
Near end paper
By mechanical switch
For rear insertion use (80 mm width)
: FTP-030P0701/P0102
Recommended papers
· Oji Paper
: PD150R,PD160R-N,PD170R
· NIPPON Paper
: TF50KS-E,TF60KS-E,
TF50KS-E4
· MITSUBISHI Paper Mills
: P220VBB-1,AFP-235
83mm
150mm
(Continued)
*1: 24VDC, minimum head resistance.
n
FUNcTIONS
n
INTERFAcE , cOMMANd, OPTIONS
Please refer to the FTP-629DSL350 series. Interface command options, please see FTP-609 datasheet.
m
e
tIm
e
tI
.
1n
o
it
c
n
u
f
t
n
ir
p
t
s
e
T.
9n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
M
A
R
l
a
n
r
e
t
n
I
.
2d
e
e
f
r
e
p
a
P.
0
1n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
r
e
tt
u
C
.
3n
o
it
c
e
t
e
d
t
u
o
r
e
p
a
P.
1
1n
o
it
c
e
t
e
d
k
r
a
M
.
4n
o
it
c
e
t
e
d
d
n
e
r
a
e
n
r
e
p
a
P.
2
1n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
n
o
it
a
r
e
p
o
U
C
M
.
5n
o
it
c
e
t
e
d
n
e
p
o
n
e
t
a
l
P.
3
1g
n
i
v
a
s
r
e
w
o
p
r
o
t
o
M
.
6n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
e
r
u
t
a
r
e
p
m
e
t
d
a
e
h
l
a
m
r
e
h
T.
4
1n
o
it
c
e
t
o
r
p
n
o
it
c
e
n
n
o
c
s
i
d
y
l
p
p
u
s
r
e
w
o
P
.
7n
o
it
c
e
t
e
d
e
r
u
t
a
r
e
p
m
e
t
r
o
t
o
M.
5
1n
o
it
c
e
t
o
r
p
r
o
t
o
M
.
8n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
e
g
a
tl
o
V.
6
1n
o
it
c
e
t
o
r
p
d
a
e
h
l
a
m
r
e
h
T
Dimensions
120.0(W) × 100.0(D) × 80.0(H) mm
Weight (mechanism, cutter, board, frame)
Approximately 760g without arm, 990g with arm
Pulse durability : 100 million pulse/dot (using Fujitsu's standard
Mechanism
driving method)
Expected life
Wear resistance: 100 km (at 12.5% printing ratio)
Cutter
1,000,000 cuts
Platen
5,000 cycles
Specifications
Item
Environmental
conditions
Recommended thermal sensitive paper
Paper diameter
Standard
Extended



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com