Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26025A Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST26025A
Description  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 9Page - STMicroelectronics ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics ST26025A Datasheet HTML 12Page - STMicroelectronics ST26025A Datasheet HTML 13Page - STMicroelectronics ST26025A Datasheet HTML 14Page - STMicroelectronics ST26025A Datasheet HTML 15Page - STMicroelectronics ST26025A Datasheet HTML 16Page - STMicroelectronics ST26025A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Power management for automotive systems
Part number
Package
Transceiver
Voltage regulators
Driver stages
On-board features
Description
Transmission
rate
Transceiver
description
Outputs
Accuracy Drop voltage
VDP (typ) (mV)
Reset
Watchdog Outputs
Driver description
L4969URD-E
SO‑20
125 kbaud
Fault tolerant
low‑speed CAN
transceiver
5 V @ 200mA
± 2 %
250 @ ILOAD
= 100 mA
•
•
System basic chip
L4969UR-E
PowerSO‑20
125 kbaud
Fault tolerant
low‑speed CAN
transceiver
5 V @ 200mA
± 2 %
400 @ ILOAD
= 150 mA
•
•
System basic chip
L9952GXP
PowerSSO‑36
20 kbaud
LIN transceiver
5 V @ 250mA
± 2 %
300 @ ILOAD
= 100 mA
•
•
4
HSD 1Ω @ 120 mA 4 wake‑up inputs for
contact monitoring
Fail‑safe output
Two op‑amps for current
sense interfacing
Inhibit input for wake up
from external CAN
Power
management IC
with LIN
5 V @ 100mA
± 4%
400 @ ILOAD
= 50 mA
1
HSD 1Ω @ 400 mA
2
Relay drivers (2 Ω)
L99PM62GXP PowerSSO‑36
20 kbaud
LIN and HS CAN
transceivers
5 V @ 250mA
± 2%
300 @ ILOAD
= 100 mA
•
•
4
HSD 1 Ω @ 120 mA
Complete 3‑channel
contact monitoring
interface with
programmable cyclic
sense functionality
4 internal PWM timers
Two op‑amps with rail‑
to‑rail outputs (VS) and
low voltage inputs
Programmable periodic
system wake up feature
Power
management IC
with LIN and high‑
speed CAN
1
HSD 1 Ω @ 400 mA
5 V @ 100mA ±4 % (3%
@ 50 mA)
400 @ ILOAD
= 50 mA
2
Relay drivers (2 Ω)
L99PM60J
PowerSSO‑16
20 kbaud
LIN transceiver 5 V @ 100mA
± 2 %
300 @ ILOAD
= 100 mA
•
•
2
HSD 7Ω @ 60 mA
Configurable fail‑safe
output
ST SPI interface for mode
control and diagnostics
Direct drive feature
for HSD
Power
management IC
with LIN
2
Relay drivers (2 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com