Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26025A Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST26025A
Description  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics ST26025A Datasheet HTML 12Page - STMicroelectronics ST26025A Datasheet HTML 13Page - STMicroelectronics ST26025A Datasheet HTML 14Page - STMicroelectronics ST26025A Datasheet HTML 15Page - STMicroelectronics ST26025A Datasheet HTML 16Page - STMicroelectronics ST26025A Datasheet HTML 17Page - STMicroelectronics ST26025A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
M0-5/M0-5Enhanced/M version part numbering scheme
-E
Leadfree
VN
X
5
X
XXX
X
X
-E
RDS(on) value
Example:
050
50 mohm
VIPower
technology
M0-5 technology
Package
S
SO‑8
J
PowerSSO‑12/16
K
PowerSSO‑24
Y
PowerSSO‑36
Number of channels
Blank
1 channel
D
Double channel
Q
Quad channels
Blank
standard version
E
Enhanced version
Blank
Digital status
A
Analog current Sense
M
Analog current Sense
M version
OMNIFET part numbering scheme
Package
S
SO‑8
D
DPAK
B
D²PAK
P
TO‑220
N
SOT‑223
V
PowerSO‑10
D
Dual channel
Blank
Single channel
VN
X
n
N
x
O
n
x
V
M0‑3
Blank
M0‑2
VIPower
technology
Current
limitation
(A)
Voltage clamp
4
45 V, 42 V
6
60 V
7
70 V
Part numbering scheme
Get the right product for your needs
M0‑5 standard
Standard M0-5 is a complete product portfolio
intended for any typical loads in automotive
applications, (such as a high beam, low beam, turn
indicator, interior lighting.
For each RDS(on) rating, single-, dual- and
quad-channel options are available. Moreover, the
devices are equipped with digital diagnostics or with
analog current sense.
M0‑5Enhanced
In addition to the standard protection and diagnostic
features, the M0-5Enhanced products offer:
Q
Q
Extended load compatibility due to higher
current limitation
Q
Q
Immediate diagnosis reaction over
short-to-ground or overload (power limitation
detection)
Q
Q
Open-load/short-to-VCC detection in off-state for
analog current sense option as well
M0‑5Enhanced M version
The M versions complete the product portfolio
with devices having the same specification as
M0-5Enhanced except for the open-load detection
in off-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com