Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IG Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F407IG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IG Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F407IG Datasheet HTML 112Page - STMicroelectronics STM32F407IG Datasheet HTML 113Page - STMicroelectronics STM32F407IG Datasheet HTML 114Page - STMicroelectronics STM32F407IG Datasheet HTML 115Page - STMicroelectronics STM32F407IG Datasheet HTML 116Page - STMicroelectronics STM32F407IG Datasheet HTML 117Page - STMicroelectronics STM32F407IG Datasheet HTML 118Page - STMicroelectronics STM32F407IG Datasheet HTML 119Page - STMicroelectronics STM32F407IG Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 167 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
116/167
Doc ID 022152 Rev 2
Ethernet characteristics
Table 61 shows the Ethernet operating voltage.
Table 62 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 44 shows the corresponding timing diagram.
Figure 44.
Ethernet SMI timing diagram
Table 60.
ULPI timing
Parameter
Symbol
Value(1)
1.
VDD = 2.7 V to 3.6 V and TA = –40 to 85 °C.
Unit
Min.
Max.
Control in (ULPI_DIR) setup time
tSC
-2.0
ns
Control in (ULPI_NXT) setup time
-
1.5
Control in (ULPI_DIR, ULPI_NXT) hold time
tHC
-
Data in setup time
tSD
-2.0
Data in hold time
tHD
0-
Control out (ULPI_STP) setup time and hold time
tDC
-9.2
Data out available from clock rising edge
tDD
-
10.7
Table 61.
Ethernet DC electrical characteristics
Symbol
Parameter
Min.(1)
1.
All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input level
VDD
Ethernet operating voltage
2.7
3.6
V
Table 62.
Dynamics characteristics: Ethernet MAC signals for SMI(1)
1.
TBD stands for “to be defined”.
Symbol
Rating
Min
Typ
Max
Unit
tMDC
MDC cycle time (1.71 MHz, AHB = 72 MHz)
TBD
TBD
TBD
ns
td(MDIO)
MDIO write data valid time
TBD
TBD
TBD
ns
tsu(MDIO) Read data setup time
TBD
TBD
TBD
ns
th(MDIO)
Read data hold time
TBD
TBD
TBD
ns
ETH_MDC
ETH_MDIO(O)
ETH_MDIO(I)
tMDC
td(MDIO)
tsu(MDIO)
th(MDIO)
ai15666c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com