Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IG Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32F407IG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IG Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32F407IG Datasheet HTML 20Page - STMicroelectronics STM32F407IG Datasheet HTML 21Page - STMicroelectronics STM32F407IG Datasheet HTML 22Page - STMicroelectronics STM32F407IG Datasheet HTML 23Page - STMicroelectronics STM32F407IG Datasheet HTML 24Page - STMicroelectronics STM32F407IG Datasheet HTML 25Page - STMicroelectronics STM32F407IG Datasheet HTML 26Page - STMicroelectronics STM32F407IG Datasheet HTML 27Page - STMicroelectronics STM32F407IG Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 167 page
background image
Description
STM32F405xx, STM32F407xx
24/167
Doc ID 022152 Rev 2
VDD minimum value is 1.8 V. VDD/VDDA minimum value of 1.7 V is obtained when the device
operates in the 0 to 70 °C temperature range and PDR is disabled.
There are three low-power modes:
–
MR is used in the nominal regulation mode (Run)
–
LPR is used in the Stop modes
–
Power-down is used in Standby mode: the regulator output is in high impedance:
the kernel circuitry is powered down, inducing zero consumption (but the contents
of the registers and SRAM are lost).
●
Regulator ON/internal reset OFF
The regulator ON with internal reset OFF mode is not available on LQFP64 and
LQFP100 packages.
On LQFP144, and LQFP176 packages, the internal reset is controlled by applying an
inverted reset signal to PDR_ON pin.
On UFBGA176 package, the internal regulator must be activated by connecting
BYPASS_REG to VSS.
On LQFP176 packages, the internal reset must be activated by applying an inverted
reset signal to PDR_ON pin.
The NRST pin should be controlled by an external reset controller to keep the device
under reset when VDD is below 1.8 V (see Figure 7).
Figure 7.
Regulator ON/internal reset OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com