Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IG Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F407IG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F407IG Datasheet HTML 21Page - STMicroelectronics STM32F407IG Datasheet HTML 22Page - STMicroelectronics STM32F407IG Datasheet HTML 23Page - STMicroelectronics STM32F407IG Datasheet HTML 24Page - STMicroelectronics STM32F407IG Datasheet HTML 25Page - STMicroelectronics STM32F407IG Datasheet HTML 26Page - STMicroelectronics STM32F407IG Datasheet HTML 27Page - STMicroelectronics STM32F407IG Datasheet HTML 28Page - STMicroelectronics STM32F407IG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 167 page
background image
STM32F405xx, STM32F407xx
Description
Doc ID 022152 Rev 2
25/167
Regulator OFF
This mode allows to power the device as soon as VDD reaches 1.8 V.
●
Regulator OFF/internal reset ON
This mode is available only on UFBGA package. It is activated by setting
BYPASS_REG and PDR_ON pins to VDD.
The regulator OFF/internal reset ON mode allows to supply externally a 1.2 V voltage
source through VCAP_1 and VCAP_2 pins, in addition to VDD.
The following conditions must be respected:
–VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection
between power domains.
–
If the time for VCAP_1 and VCAP_2 to reach 1.08 V is faster than the time for VDD to
reach 1.8 V (VDD/VDDA minimum value of 1.7 V is obtained when the device
operates in the 0 to 70 °C temperature range and PDR is disabled), then PA0
should be connected to the NRST pin (see Figure 8). Otherwise, PA0 should be
asserted low externally during POR until VDD reaches 1.8 V (see Figure 9).
–If VCAP_1 and VCAP_2 go below 1.08 V and VDD is higher than 1.7 V, then a reset
must be asserted on PA0 pin.
In regulator OFF/internal reset ON mode, PA0 cannot be used as a GPIO pin since it
allows to reset the part of the 1.2 V logic which is not reset by the NRST pin, when the
internal voltage regulator in off.
●
Regulator OFF/internal reset OFF
This mode is available only on UFBGA package. It is activated by setting
BYPASS_REG pin to VDD and by applying an inverted reset signal to PDR_ON, and
allows to supply externally a 1.2 V voltage source through VCAP_1 and VCAP_2 pins, in
addition to VDD.
The following conditions must be respected:
–VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection
between power domains.
–
PA0 should be kept low to cover both conditions: until VCAP_1 and VCAP_2 reach
1.08 V and until VDD reaches 1.8 V (see Figure 8).
–
NRST should be controlled by an external reset controller to keep the device
under reset when VDD is below 1.8 V (see Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com