Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IG Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32F407IG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IG Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32F407IG Datasheet HTML 159Page - STMicroelectronics STM32F407IG Datasheet HTML 160Page - STMicroelectronics STM32F407IG Datasheet HTML 161Page - STMicroelectronics STM32F407IG Datasheet HTML 162Page - STMicroelectronics STM32F407IG Datasheet HTML 163Page - STMicroelectronics STM32F407IG Datasheet HTML 164Page - STMicroelectronics STM32F407IG Datasheet HTML 165Page - STMicroelectronics STM32F407IG Datasheet HTML 166Page - STMicroelectronics STM32F407IG Datasheet HTML 167Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 164 / 167 page
background image
Revision history
STM32F405xx, STM32F407xx
164/167
Doc ID 022152 Rev 2
8
Revision history
Table 94.
Document revision history
Date
Revision
Changes
15-Sep-2011
1
Initial release.
24-Jan-2012
2
Added WLCSP90 package on cover page.
Renamed USART4 and USART5 into UART4 and UART5, respectively.
Updated number of USB OTG HS and FS in Table 2: STM32F405xx
and STM32F407xx: features and peripheral counts.
Updated Figure 3: Compatible board design between
STM32F10xx/STM32F2xx/STM32F4xx for LQFP144 package and
Figure 4: Compatible board design between STM32F2xx and
STM32F4xx for LQFP176 package, and removed note 1 and 2.
Updated Section 2.2.9: Flexible static memory controller (FSMC).
Modified I/Os used to
reprogram the Flash memory for CAN2 and
USB OTG FS in Section 2.2.13: Boot modes.
Updated note in Section 2.2.14: Power supply schemes.
PDR_ON no more available on LQFP100 package. Updated
Section 2.2.16: Voltage regulator. Updated condition to obtain a
minimum supply voltage of 1.7 V in the whole document.
Renamed USART4/5 to UART4/5 and added LIN and IrDA feature for
UART4 and UART5 in Table 4: USART feature comparison.
Removed support of I2C for OTG PHY in Section 2.2.29: Universal
serial bus on-the-go full-speed (OTG_FS).
Added Table 5: Legend/abbreviations used in the pinout table.
Table 6: STM32F40x pin and ball definitions: replaced VSS_3, VSS_4,
and VSS_8 by VSS; reformatted Table 6: STM32F40x pin and ball
definitions to better highlight I/O structure, and alternate functions
versus additional functions; signal corresponding to LQFP100 pin 99
changed from PDR_ON to VSS; EVENTOUT added in the list of
alternate functions for all I/Os; ADC3_IN8 added as alternate function
for PF10; FSMC_CLE and FSMC_ALE added as alternate functions for
PD11 and PD12, respectively; PH10 alternate function
TIM15_CH1_ETR renamed TIM5_CH1; updated PA4 and PAA5 pin
type.
Removed OTG_HS_SCL, OTG_HS_SDA, OTG_FS_INTN,
OTG_FS_SDA, OTG_FS_SCL alternate functions in Table 6:
STM32F40x pin and ball definitions and Table 7: Alternate function
mapping.
Changed TCM data RAM to CCM data RAM in Figure 15: Memory
map.
Added IVDD and IVSS maximum values in Table 9: Current
characteristics.
Added Note 1 related to fHCLK, updated Note 2 in Table 11: General
operating conditions, and added maximum power dissipation values.
Updated Table 12: Limitations depending on the operating power
supply range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com