Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103XF Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F103XF
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XF Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F103XF Datasheet HTML 48Page - STMicroelectronics STM32F103XF Datasheet HTML 49Page - STMicroelectronics STM32F103XF Datasheet HTML 50Page - STMicroelectronics STM32F103XF Datasheet HTML 51Page - STMicroelectronics STM32F103XF Datasheet HTML 52Page - STMicroelectronics STM32F103XF Datasheet HTML 53Page - STMicroelectronics STM32F103XF Datasheet HTML 54Page - STMicroelectronics STM32F103XF Datasheet HTML 55Page - STMicroelectronics STM32F103XF Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
52/120
Doc ID 16554 Rev 3
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 20. The MCU is placed
under the following conditions:
●
all I/O pins are in input mode with a static value at VDD or VSS (no load)
●
all peripherals are disabled unless otherwise mentioned
●
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
●
ambient operating temperature and VDD supply voltage conditions summarized in
Table 7
Table 20.
Peripheral current consumption(1)
Peripheral
Typical consumption at 25 °C
Unit
APB1
TIM2
1.6
mA
TIM3
1.5
TIM4
1.5
TIM5
1.5
TIM6
0.6
TIM7
0.6
TIM12
0.95
TIM13
0.7
TIM14
0.75
SPI2
0.6
SPI3
0.6
USART2
0.7
USART3
0.7
USART4
0.7
USART5
0.7
I2C1
0.65
I2C2
0.65
USB
0.9
CAN
0.9
DAC(2)
1.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com