Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103XF Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F103XF
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XF Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F103XF Datasheet HTML 80Page - STMicroelectronics STM32F103XF Datasheet HTML 81Page - STMicroelectronics STM32F103XF Datasheet HTML 82Page - STMicroelectronics STM32F103XF Datasheet HTML 83Page - STMicroelectronics STM32F103XF Datasheet HTML 84Page - STMicroelectronics STM32F103XF Datasheet HTML 85Page - STMicroelectronics STM32F103XF Datasheet HTML 86Page - STMicroelectronics STM32F103XF Datasheet HTML 87Page - STMicroelectronics STM32F103XF Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
84/120
Doc ID 16554 Rev 3
5.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 49 are derived from tests
performed under the conditions summarized in Table 10. All I/Os are CMOS and TTL
compliant.
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 40 and Figure 41 for standard I/Os, and
in Figure 42 and Figure 43 for 5 V tolerant I/Os.
Table 49.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Standard IO input low
level voltage
–0.3
-
0.28*(VDD-2
V)+0.8 V
V
IO FT(1) input low level
voltage
–0.3
-
0.32*(VDD-2
V)+0.75 V
V
VIH
Standard IO input high
level voltage
0.41*(VDD-2
V)+1.3 V
-VDD+0.3
V
IO FT(1) input high level
voltage
VDD > 2 V
0.42*(VDD-2
V)+1 V
-
5.5
V
VDD ≤2 V
5.2
Vhys
Standard IO Schmitt
trigger voltage
hysteresis(2)
200
-
-
mV
IO FT Schmitt trigger
voltage hysteresis(2)
5% VDD
(3)
-
-mV
Ilkg
Input leakage current (4)
VSS ≤VIN ≤VDD
Standard I/Os
--
±1
µA
VIN= 5 V, I/O FT
-
-
3
RPU
Weak pull-up equivalent
resistor(5)
VIN = VSS
30
40
50
k
Ω
RPD
Weak pull-down
equivalent resistor(5)
VIN = VDD
30
40
50
k
Ω
CIO
I/O pin capacitance
-
5
-
pF
1.
FT = Five-volt tolerant. In order to sustain a voltage higher than VDD+0.3 the internal pull-up/pull-down resistors must be
disabled.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
3.
With a minimum of 100 mV.
4.
Leakage could be higher than max. if negative current is injected on adjacent pins.
5.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com