Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G55-R0 Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G55-R0
Description  Ceramic Resonators(CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G55-R0 Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G55-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Application Circuits Utilization
H6
11
10
L
12
0.1μF
IC : μPD78F0533GB
Vdd=5.0V
10k
Ω
H: 15, 16, 47
L: 9, 13, 14, 48
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR4M00G55-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V2
V1
c µPD78F0533GB (Renesas)
8-bit Microcomputer
A14
A15
GND
EVALUATION BOARD
IC : TMP19A43FDXBG
Vcc=1.5V
Xin: A14
Xout: A15
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE10M0G52-R0
C1=10pF (Typ.)
C2=10pF (Typ.)
Vcc'=2.5V
Vcc''=3.3V
V2
V1
c TMP19A43FDXBG (Toshiba)
32-bit Microcomputer
H
14
13
L
Vdd2
10μF
IC : MN103SFC2D
Vdd=5.0V
H: 9, 17, 34
L: 7, 15, 36
Vdd2: 16, 38
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR5M00G55Z-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V2
V1
c MN103SFC2D (Panasonic)
32-bit Microcomputer
H
56
55
L
IC : MB95F128H
Vcc=5.0V
H: 3, 28, 51, 79
L: 4, 29, 54, 57
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G52-R0
C1=10pF (Typ.)
C2=10pF (Typ.)
V2
V1
c MB95F128H (Fujitsu)
8-bit Microcomputer
H
16
15
GND
EVALUATION BOARD
IC : PIC16F716-I/SO(HS)
Vdd=5.0V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE12M0G52-R0
C1=10pF (Typ.)
C2=10pF (Typ.)
V2
V1
1M
Ω
c PIC16F716-I/SO (Microchip)
8-bit Microcomputer
H
11
10
L
6
0.1μF
IC : HD64F36077GH
Vcc=5.0V
H: 3, 7, 12
L: 8, 9
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G52-R0
C1=10pF (Typ.)
C2=10pF (Typ.)
V2
V1
c HD64F36077GH (Renesas)
16-bit Microcomputer
Continued on the following page.
P16E.pdf
Nov.22,2012
27
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com