Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G55-R0 Datasheet(PDF) 30 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G55-R0
Description  Ceramic Resonators(CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G55-R0 Datasheet(HTML) 30 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G55-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. CSTCE8M00G55-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Application Circuits Utilization
Continued from the preceding page.
H14
12
13
L
10
IC : μPD70F3215HYGC
Vdd=5.0V
H: 1, 5, 9, 34, 70
L: 2, 8, 11, 33, 69
CERALOCK
r
C1
C2
CERALOCK
r: CSTCR5M00G55-R0
C1=39pF (Typ.)
C2=39pF (Typ.)
V2
V1
10μF
c µPD70F3215HYGC (Renesas)
32-bit Microcomputer
H
24
23
L
IC : ATmega128
Vcc=5.0V
H: 21, 52, 64
L: 22, 53, 63
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G52-R0
C1=10pF (Typ.)
C2=10pF (Typ.)
V2
V1
c ATmega128 (Atmel)
8-bit Microcomputer
H18
15
14
L
IC : ST7FLITE29F2B6
Vdd=5.0V
H: 17
L: 16
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE16M0V53-R0
C1=15pF (Typ.)
C2=15pF (Typ.)
V2
V1
c ST7FLITE29F2B6 (ST Microelectronics)
8-bit Microcomputer
58
57
L
IC : TMS320F2810PBKA
Vdd1=1.8V
CERALOCK
r: CSTCE15M0V53-R0
C1=15pF (Typ.)
C2=15pF (Typ.)
Vdd2=3.3V
H1
H2
V2
V1
100
Ω
CERALOCK
r
C1
C2
H1: 20, 29, 42, 56, 63, 74, 82, 94, 99,
100, 102, 110, 114
H2: 1, 13, 14, 25, 49, 52, 83, 104, 118
L: 12, 15, 17, 26, 30, 39, 53, 59, 62, 73,
88, 95, 103, 109, 115, 117, 128
c TMS320F2810PBKA (Texas Instruments)
32-bit Microcomputer
P16E.pdf
Nov.22,2012
28
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com