Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19375CSRLG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19375CSRLG
Description  PWM Step-Up Controller Oscillation frequency: 500kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19375CSRLG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19375CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19375
PWM Step-Up Controller
3/8
Version: B11
Block Diagram
+
-
Oscillator
Buffer
Driver
FB
GND
Vcc
GATE
Phase
Compensation
+
-
PWM
Controller
EN
Thermal
Shutdown
SENSE
0.06V
8uA
SS
VEN
Vref=1.0V
Regulator
Pin Function Description
Pin NO. Pin Name
Pin Description
1
EN
Shutdown Control Input
H: Normal Operation
L: Shutdown Mode
2
VCC
VCC Supply pin
3
FB
Feedback Pin
4
SS
Soft-Start pin
5
VSENSE
Current Limit Sense Voltage
6
Gate
Gate drive for external N-CH MOSFET
7
GND
Signal Ground Pin
8
NC
Non Connect



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com