Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19375CSRLG Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19375CSRLG Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19375CSRLG
Download  TS19375CSRLG Download
File Size   144.75 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description PWM Step-Up Controller Oscillation frequency: 500kHz

TS19375CSRLG Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19375CSRLG Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19375CSRLG
Download  TS19375CSRLG Click to download

File Size   144.75 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description PWM Step-Up Controller Oscillation frequency: 500kHz

TS19375CSRLG Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS19375CSRLG Product details

General Description
The TS19375 is high efficient PWM step-up controller. Designed to drive an external N-channel MOSFET, Output voltage is programmable with 1.0V of standard voltage supply internal, and using externally connected components, output voltage (FB) can be set up at will.
The TS19375 can be operated at switching frequencies of 500kHz allowing for easy filtering and low noise, the size of the external components can be reduced. An enable function and thermal shutdown functions are built inside. The soft-start time can be programmed by outside capacitor; the function prevents overshoot at startup.

Features
● Input voltage range 3V ~ 24V
● Output voltage: Define by N-CH MOSFET
● Duty ratio: 0% ~ 85% PWM control
● Oscillation frequency: 500kHz
● Soft-start time programmed by external capacitor
● Thermal shutdown protection
● Internal current limit
● External SW N-CH MOSFET

Application
● LED Panel Display Backlighting
● PDA and Portable Media Players
● Local Boost Regulator




Similar Part No. - TS19375CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
More results


Similar Description - TS19375CSRLG

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
logo
Advanced Analog Technol...
AAT1109 AAT-AAT1109 Datasheet
592Kb / 18P
ONE-CHANNEL STEP-UP PWM CONTROLLER
V 1.0
logo
Intersil Corporation
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
High Frequency PWM Step-Up Regulator
August 10, 2007
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
Eutech Microelectronics...
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
1.2MHz Step-Up PWM Controller
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
SHOUDING Shouding Semic...
SD6273 SHOUDING-SD6273 Datasheet
1Mb / 9P
1.2MHz Step-Up PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com