Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECT Datasheet(PDF) 3 Page - Rohm

Part # SML012ECT
Description  Reflector improved the concentration of viewing angle and luminous intensity to the front direction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECT Datasheet(HTML) 3 Page - Rohm

  SML012ECT Datasheet HTML 1Page - Rohm SML012ECT Datasheet HTML 2Page - Rohm SML012ECT Datasheet HTML 3Page - Rohm SML012ECT Datasheet HTML 4Page - Rohm SML012ECT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML-012V8T
SML-013UT
SML-012U8T
SML-012UT
※
SML-011UT
※
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML-011DT
※
SML-012D8T
SML-012DT
※
Yellow (Y)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML-011YT
※
SML-012Y8T
SML-012YT
※
SML-013YT
(Ta=25˚C, IF=20mA)
Green (M, P, E)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML012EC4T
※
SML-012M8T
SML012ECT
※
SML-012P8T
(Ta=25˚C, IF=20mA)
Blue (B)
White (WB)
SML-012(A)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Chip LEDs
with
Reflector
3020
1.3
SML012BC4T
SML012BCT
SML013BDT
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=5mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
X1
X2
Y1
Y2
Z1
25 to 36
36 to 56
56 to 90 90 to 140 140 to 220220 to 360360 to 560560 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800
Chip LEDs
with reflector
3020
1.3
SML013WBDW
※Brightness on specification sheet include tolerance of within ±10%.
※Brightness on specification sheet include tolerance of within ±10%.
※Brightness on specification sheet include tolerance of within ±10%.
※Brightness on specification sheet include tolerance of within ±10%.
(Ta=25˚C, IF=20mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
Chip LEDs
with
Reflector
3020
1.3
SML-012VT(A)
SML-012WT(A)
*
SML-012PT(A)
*
*Please note that the brightness of some products may fall between ranks (half rank).
Chromaticity Diagram (White)
0.2
0.2
0.3
0.4
0.3
0.4
CIE x
A
B
C
SML-01 series
3/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com