Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECT Datasheet(PDF) 1 Page - Rohm

Part # SML012ECT
Description  Reflector improved the concentration of viewing angle and luminous intensity to the front direction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECT Datasheet(HTML) 1 Page - Rohm

  SML012ECT Datasheet HTML 1Page - Rohm SML012ECT Datasheet HTML 2Page - Rohm SML012ECT Datasheet HTML 3Page - Rohm SML012ECT Datasheet HTML 4Page - Rohm SML012ECT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
1.6
3.0
Cathode mark
Terminal
0.3
0.5
1.3
1.6
2.3
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y
X
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y’
X’
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
SML-011 Series / SML-012
(A)Series / SML-012 Series
SML-013 UT / YT
* 1:Duty1/10, 1kHz / * 2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(μA)
VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
■ SML-012VT(A)
AIGaInP
on GaAs
Red
75
30
100
*1
5
-40 to +100
-40 to +100
2.0
20
10
5
626
630
636
20
35.5
71
20
■ SML-012V8T
54
20
-40 to +85
2.2
625
635
25
63
■ SML-013UT
75
30
-30 to +85
2.0
619
624
629
90
220
■ SML-012U8T
54
20
-40 to +85
2.2
615
620
625
40
100
■ SML-012UT
75
30
-40 to +100
2.0
36
100
■ SML-011UT
22
63
■ SML-012D8T
Orange
54
20
-40 to +85
2.2
602
605
608
63
160
■ SML-012DT
75
30
-40 to +100
2.0
36
100
■ SML-011DT
22
63
■ SML-012WT(A)
Yellow
587
590
593
140
280
■ SML-012Y8T
54
20
-40 to +85
2.2
40
100
■ SML-013YT
75
30
2.1
100
250
■ SML-012YT
-40 to +100
2.0
36
100
■ SML-011YT
22
63
■ SML-012M8T
Yellowish
Green
54
20
-40 to +85
2.2
569
572
575
16
40
■ SML-012P8T
Green
557
560
563
2.5
6.3
■ SML-012PT(A)
62
25
60
*1
-40 to +100
2.1
558
564
9
18
■ SML012ECT
InGaN
Bluish
Green
84
20
100
*1
-30 to +85
3.3
100
520
525
535
140
360
■ SML012EC4T
3.2
56
140
■ SML013BDT
Blue
78
465
470
475
90
250
■ SML012BCT
84
3.3
36
100
■ SML012BC4T
3.2
22
36
■ SML013WBDW
White
(x, y) (0.30, 0.30)
360
900
Tolerance : ±0.2
(unit : mm)
(unit : mm)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
SML013BDT / WBDW
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
V
U
D
Y
W
M
P
E
B
WB
SML-01 Series
Features
・Reflector type (3.0×2.0mm, t=1.3mm)
・Reflector improved the concentration of viewing angle and
luminous intensity to the front direction
3020
(1208)
3.0×2.0mm
(t=1.3mm)
1/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML012ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML012ECT ROHM-SML012ECT Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML012ECT ROHM-SML012ECT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML012ECT ROHM-SML012ECT Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012ECT ROHM-SML012ECT Datasheet
120Kb / 3P
Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
More results

Similar Description - SML012ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012VT ROHM-SML-012VT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML-012UTT86 ROHM-SML-012UTT86 Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
logo
Everlight Electronics C...
T2C1-1UWA EVERLIGHT-T2C1-1UWA Datasheet
227Kb / 7P
The series is designed for application required high luminous intensity
May.03, 2013
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
High luminous Intensity
logo
STANLEY ELECTRIC CO.,LT...
UB1105W-TR STANLEY-UB1105W-TR Datasheet
201Kb / 3P
LEDs shall be sorted out into the following 5 ranks of Luminous Intensity
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
luminous intensity
logo
STANLEY ELECTRIC CO.,LT...
UG1105W-TR STANLEY-UG1105W-TR Datasheet
202Kb / 3P
LEDs shall be sorted out into the following 5 ranks of Luminous Intensity
logo
OSRAM GmbH
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
luminous intensity
logo
Vishay Siliconix
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
Luminous intensity and color categorized
14-Oct-14
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
High luminous intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com