Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23138-R1005-A403 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23138-R1005-A403
Description  Single Nano Relay (THT ??THR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23138-R1005-A403 Datasheet(HTML) 3 Page - Tyco Electronics

  V23138-R1005-A403 Datasheet HTML 1Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 2Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 3Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 4Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Single Nano Relay (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 8-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
108
Contact Data
Typical areas of application
Resistive/inductive load
Contact configuration
1 Changeover contact /
1 Form C
Circuit symbol
(see also Pin assignment)
Rated voltage
12 V
Rated current
NC/NO
15 A /20 A
Limiting continuous current
23°C
25 A /30A
85°C
15 A /20 A
105°C
10 A /12 A
Contact material
Silver based
Max. switching voltage/power
See load limit curve
Max. switching current 1)
NC/NO
On 2)
30 A
Off
30 A
Min. recommended load 3)
1 A at 5 V
Voltage drop at 10 A (initial)
for NC/NO contacts
Typ. 30 mV, 300 mV max.
Mechanical endurance (without load)
> 5 x 106 operations
Electrical endurance
Motor reverse blocked:
at cyclic temperature –40/+23/+85°C
> 105 operations
and 13.5 V
at 25 A,
0.77 mH inductive load
1) The values apply to a resistive or inductive load with suitable spark suppression and at maximum 13.5 V for 12 V load voltages.
2) For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3) See chapter Diagnostics of Relays in our Application Notes page 31 or consult the internet at http://relays.tycoelectronics.com/appnotes/
Load Limit Curve
10
100
110
100
Switching current [A]
Load limit curve 2
Load limit curve 1
138 S_LLC1
Load limit curve 1 ^
= arc extinguishes
during transit time
Load limit curve 2 ^
= safe shutdown,
no stationary arc
3 5
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com