Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23138-R1005-A403 Datasheet(PDF) 4 Page - Tyco Electronics

Part # V23138-R1005-A403
Description  Single Nano Relay (THT ??THR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23138-R1005-A403 Datasheet(HTML) 4 Page - Tyco Electronics

  V23138-R1005-A403 Datasheet HTML 1Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 2Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 3Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 4Page - Tyco Electronics V23138-R1005-A403 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Single Nano Relay (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 8-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
109
Circuit Diagram
1 Changeover contact /1 Form C
Coil Data
Available for nominal voltages
12 V
Nominal power consumption of the unsuppressed coil at nominal voltage
0.8 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range 1)
–40 to +105°C
Operate time at nominal voltage
Typ. 3 ms
Release time at nominal voltage 2)
Typ. 1.5 ms
1) Permanent use above 85°C could be critical, see also operating voltage range diagram.
2) For unsuppressed relay coil.
Note:
A low resistive suppression device in parallel to the relay coil increases the release time and
reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding.
12
4
3
5
138S_PA3
Operating Voltage Range
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
100
120
Ambient temperature [ C ]
Umax.
Uop. (E = Un x 1.12)
Uop. (E = 0V)
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
138 S_OVR1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com