Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-32 Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # V2DIP2-32
Description  Designed to allow rapid development of designs using the VNC2-32Q IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-32 Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-32 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 15Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 16Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
12
Document Reference No.: FT_000164
V2DIP2-32 VNCL2-32Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 151
When FIFO_WR# goes low FIFO_TXE# flag will always go high. FIFO_TXE# goes low again only when
there is still space for data to be written in to the module.
3.7 Debugger Interface
The purpose of the debugger interface is to provide access to the VNC2 silicon/firmware debugger. The
debug interface can be accessed via the J2-10 pin on the DIL connector or, more easily, it can be
accessed by connecting a VNC2_Debug_Module to the J3 connector. This debug module will give access
to the debugger through a USB connection to a PC via the Integrated Development Environment (IDE).
The IDE is a graphical interface to the VNC2 software development tool-chain and gives the following
debug capabilities through the debugger interface:
Flash Erase, Write and Program.
Application debug - application code can have breakpoints, be single stepped and can be halted.
Detailed internal debug - memory and register read/write access.
The Debugger Interface, and how to use it, is further described in the following applications Note
Vinculum-II Debug Interface Description
3.7.1 Signal Description - Debugger Interface
Table 3.8 shows the signals and pins description for the Debugger Interface pin header J3
Pin No.
Name
Name
On PCB
Type
Description
J3-1
IO0
DBG
I/O
Debugger Interface
J3-2
-
[Key]
-
Not connected. Used to make sure that the debug
module is connected correctly.
J3-3
GND
GND
PWR
Module ground supply pin
J3-4
RESET#
RST#
Input
Can be used by an external device to reset the
VNCL2. This pin is also used in combination with
PROG# and the UART interface to program
firmware into the VNC2.
J3-5
PROG#
PRG#
Input
This pin is used in combination with the RESET#
pin and the UART interface to program firmware
into the VNC2.
J3-6
5V0
VCC
PWR Input
5.0V module supply pin. This pin can be used to
provide the 5.0V input to the V2DIP2-32 from the
debugger interface when the V2DIP2-32 is not
powered from the USB connector (VBUs) or the
DIL connector pins J1-1 and J3-6.
Table 3.8 - Signal Name and Description – Debugger Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com