Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-32 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # V2DIP2-32
Description  Designed to allow rapid development of designs using the VNC2-32Q IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-32 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-32 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
8
Document Reference No.: FT_000164
V2DIP2-32 VNCL2-32Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 151
3.4 UART Interface
When the data and control buses are configured in UART mode, the interface implements a standard
asynchronous serial UART port with flow control. The UART can support baud rates from 300baud to
3Mbaud. The UART interface is described more fully in a Vinculum-II datasheet please refer to:- FTDI
website
3.4.1
Signal Description – UART Interface
The UART signals can be programmed to a choice of available I/O pins. Table 3.3 explains the available
pins for each of the UART signals.
Available Pins
Name
Type
Description
J2-10, J1-6, J1-11
uart_txd
Output
Transmit asynchronous data output
J2-9, J1-8, J1-12
uart_rxd
Input
Receive asynchronous data input
J2-8, J1-9, J2-12
uart_rts#
Output
Request To Send Control Output
J2-6, J1-10, J2-11
uart_cts#
Input
Clear To Send Control Input
J2-10, J1-6, J1-11
uart_dtr#
Output
Data Acknowledge (Data Terminal
Ready Control) Output
J2-9, J1-8, J1-12
uart_dsr#
Input
Data Request (Data Set Ready
Control) Input
J2-8, J1-9, J2-12
uart_dcd#
Input
Data Carrier Detect Control Input
J2-6, J1-10, J2-11
uart_ri#
Input
Ring Indicator Control Input. RI# low
can be used to resume the PC USB
Host controller from suspend.
J2-10, J1-6, J1-11
uart_tx_active
Output
Enable Transmit Data for RS485
designs.
TXDEN may be used to
signal that a transmit operation is in
progress. The TXDEN signal will be
set high one bit-time before data is
transmitted and return low one bit
time after the last bit of a data frame
has been transmitted
Table 3.3 - Data and Control Bus Signal Mode Options – UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com