Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8953
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8953 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8953 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
21
CONTROL INTERFACE TIMING – 3-WIRE MODE
3-wire mode is selected by connecting the MODE pin high.
Figure 7 Control Interface Timing – 3-Wire Serial Control Mode (Write Cycle)
CSB
SCLK
SDOUT
t
DL
LSB
Figure 8 Control Interface Timing – 3-Wire Serial Control Mode (Read Cycle)
Test Conditions
DCVDD=1.8V, DBVDD=AVDD=3.3V, DGND=AGND=0V, TA=+25
oC, Slave Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
CSB falling edge to SCLK rising edge
tCSU
40
ns
SCLK falling edge to CSB rising edge
tCHO
40
ns
SCLK pulse cycle time
tSCY
200
ns
SCLK pulse width low
tSCL
80
ns
SCLK pulse width high
tSCH
80
ns
SDIN to SCLK set-up time
tDSU
40
ns
SDIN to SCLK hold time
tDHO
10
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns
SCLK falling edge to SDOUT transition
tDL
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com