Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953 Datasheet (PDF) - Wolfson Microelectronics plc

WM8953 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8953
Download  WM8953 Download
File Size   1080.8 Kbytes
Page   100 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power Stereo ADC with PLL and TDM Interface

WM8953 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8953 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8953
Download  WM8953 Click to download

File Size   1080.8 Kbytes
Page   100 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power Stereo ADC with PLL and TDM Interface

WM8953 Datasheet (HTML) - Wolfson Microelectronics plc


WM8953 Product details

DESCRIPTION
The WM8953 is a low power high performance stereo ADC designed for mobile handsets and other portable devices.
Four single-ended or differential input connections are provided, with up to 60dB of analogue gain in each input path. Stereo 24- bit sigma-delta ADCs provide hi-fi quality audio recording of microphones or line input. A programmable high pass filter is available in the ADC path for removing DC offsets and suppressing wind and other low frequency noise.

FEATURES
• SNR 94dB (‘A’ weighted)
• THD -82dB at 48kHz, 3.3V
• Full stereo microphone / line input interface
• Low noise MICBIAS
• Low power consumption
• Full analogue and digital volume control
• PLL provides flexible clocking scheme
• 2-wire, 3-wire or 4-wire control
• Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48kHz
• GPIO functions available
• Digital supply: 1.71V – 3.6V
• Analogue supply: 2.7V – 3.6V
• W-CSP package (3.226 x 3.44 x 0.7mm, 0.5mm pitch)

APPLICATIONS
• Multimedia phones
• General purpose low power audio ADC




Similar Part No. - WM8953

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Wolfson Microelectronic...
WM8950GEFL/RV WOLFSON-WM8950GEFL/RV Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8950GEFL/V WOLFSON-WM8950GEFL/V Datasheet
669Kb / 52P
ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
More results


Similar Description - WM8953

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
Digital Audio Interface Receiver with Stereo ADC and Audio Selector
logo
Asahi Kasei Microsystem...
AK5373 AKM-AK5373 Datasheet
567Kb / 53P
24-bit Stereo ADC with USB Interface
AK5374 AKM-AK5374 Datasheet
569Kb / 51P
24-bit Stereo ADC with USB Interface
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
Stereo Low Power 96kHz ADC
logo
Texas Instruments
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
logo
Asahi Kasei Microsystem...
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
Low Power Stereo Audio ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com