Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8783 Datasheet (PDF) - Wolfson Microelectronics plc

WM8783 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8783
Download  WM8783 Download
File Size   270.42 Kbytes
Page   17 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Stereo Low Power 96kHz ADC

WM8783 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8783 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8783
Download  WM8783 Click to download

File Size   270.42 Kbytes
Page   17 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Stereo Low Power 96kHz ADC

WM8783 Datasheet (HTML) - Wolfson Microelectronics plc


WM8783 Product details

DESCRIPTION

The WM8783 is a compact, low cost ADC designed for set-top boxes and DVD applications.

Stereo analogue inputs accept 1Vrms line level inputs; the Hi-Fi ADCs output 24-bit stereo data on the I2S digital audio interface.

Sample rates from 8kHz to 96kHz are supported; this is configured automatically according to the external master clock (MCLK) frequency.

A power on reset (POR) circuit ensures correct start-up and shut-down. The device is held in reset when MCLK is not present, offering a low-power standby state.

The WM8783 is supplied in an 8-pin SOIC package.



FEATURES

• Hi-fi audio ADC (96dB SNR - ‘A’ weighted)

• 2 analogue audio inputs

• I2S digital audio interface - sample rates 8kHz to 96kHz

• Automatic clocking configuration from MCLK and LRCLK

• Integrated voltage reference circuits

• 8-pin SOIC package



APPLICATIONS

• LCD televisions

• Set-top boxes (STB)

• DVD recorders



 




Similar Part No. - WM8783

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8781GEDR WOLFSON-WM8781GEDR Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8781GEDS WOLFSON-WM8781GEDS Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
24-Bit, 192kHz Stereo ADC
More results


Similar Description - WM8783

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
Low-power stereo bitstream ADC/DAC
1998 Jan 06
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
24Bit 96kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
24Bit 96kHz ?誇 ADC
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
96kHz 24-Bit ADC
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
Low Power Stereo Audio ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com