Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2605ZP66 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC2605ZP66
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC2605ZP66 Datasheet HTML 4Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 5Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 6Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 7Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 8Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 9Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 10Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 11Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MPC2605
MOTOROLA
8
AC SPECIFICATIONS
P
Timing
MPC2605–66
Ui
N
Parameter
Timing
Reference
Min
Max
Unit
Notes
Clock Cycle Time

15
—
ns
Input Setup Time

4.5
—
ns
1
Clock to Input Invalid (Input Hold)

2
—
ns
1
Clock to Output Driven

2
9
ns
2
Clock to Output Valid

2
9
ns
Clock to Output Invalid

2
—
ns
2
Clock to Output High–Z
2
12
ns
2
PWRDN Disable to Recovery
—
4
µs
2
NOTES:
1. All input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the 1.4 V level of the rising edge of the input
clock. Both input and output timings are measured at the pin.
2. This parameter is sampled and not 100% tested.
CLK
INPUTS
OUTPUTS









Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com