Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2605ZP66 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC2605ZP66
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC2605ZP66 Datasheet HTML 1Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 2Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 3Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 4Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 5Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 6Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 7Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 8Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MPC2605
3
MOTOROLA
PIN DESCRIPTIONS
Pin Locations
Pin Name
Type
Description
19G, 17H – 19H, 17J – 19J,
17K – 19K, 17L – 19L,
17M – 19M, 17N – 19N,
17P – 19P, 17R – 19R,
18T, 19T, 18U, 19U,
18V, 19V, 18W
*
A0 – A31
I/O
Address inputs from processor. Can also be outputs for processor snoop
addresses. A0 is the MSB. A31 is the LSB.
3G
AACK
I/O
Address acknowledge input/output.
2A
ABB
I/O
Used as an input to qualify bus grants. Driven as an output during address tenure
initiated by the MPC2605.
17C – 19C, 17D
*
AP0 – AP3
I/O
Address parity.
19B
APE
O
Address parity error. When an address parity error is detected, APE will be driven
low one clock cycle after the assertion of TS then High–Z following clock cycle.
18E
APEN
I
Address parity enable. When tied low, enables address parity bits and the
address parity error bit.
1G
ARTRY
I/O
Address retry status I/O. Generated when a read or write snoop to a dirty
processor cache line has occurred.
2U
2V
1V
17E
2B
CFG0
CFG1
CFG2
CFG3
CFG4
I
Configuration inputs. These must be tied to either VDD or VSS.
CFG0
CFG1
CFG2
0
0
0
256KB
0
1
0
512KB; A26 = 0
0
1
1
512KB; A26 = 1
1
0
0
1MB; A25 – A26 = 00
1
0
1
1MB; A25 – A26 = 01
1
1
0
1MB; A25 – A26 = 10
1
1
1
1MB; A25 – A26 = 11
CFG3
Snoop Data Tenure Selector
0
Supports snoop data tenure
1
Does not support snoop data tenure
CFG4
AACK Driver Enable
0
Disable AACK driver
1
Enable AACK driver
2G
CI
I/O
Cache inhibit I/O.
3M
CLK
I
Clock input. This must be the same as the processor clock input.
2M
CPU BG
I
CPU bus grant input.
3E
CPU2 BG
I
MPC2605 logically ORs this signal with CPU BG. Used in multiprocessor
configuration as the second CPU BG.
1B
CPU3 BG
I
MPC2605 logically ORs this signal with CPU BG. Used in multiprocessor
configuration as the third CPU BG.
1T
CPU4 BG
I
MPC2605 logically ORs this signal with CPU BG. Used in multiprocessor
configuration as the fourth CPU BG.
2H
CPU BR
I
CPU bus request input.
2D
CPU2 BR
I
MPC2605 logically ORs this signal with CPU BR. Used in multiprocessor
configuration as the second CPU BR.
2C
CPU3 BR
I
MPC2605 logically ORs this signal with CPU BR. Used in multiprocessor
configuration as the third CPU BR.
1U
CPU4 BR
I
MPC2605 logically ORs this signal with CPU BR. Used in multiprocessor
configuration as the fourth CPU BR.
1F
CPU DBG
I
CPU data bus grant input from arbiter.
3D
CPU2 DBG
I
MPC2605 logically ORs this signal with CPU DBG. Used in multiprocessor
configuration as the second CPU DBG.
3C
CPU3 DBG
I
MPC2605 logically ORs this signal with CPU DBG. Used in multiprocessor
configuration as the third CPU DBG.
* See pin diagram (page 2) for specific pin assignment of these bus signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com