Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD315AI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 2SD315AI
Description  Dual SCALE Driver Core for IGBTs and Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2SD315AI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 2SD315AI Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 8Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 9Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 10Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 11Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 12Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 13Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 14Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 13
(everything OK) and goes out when the driver detects an undervoltage or during the
blocking time.
3k3
SCALE driver
Visox
LSx
Okay LED
isolated +16V
Ds
COMx
Fig. 6 Status display with LED at pin LSx
Attention:
The Schottky diode Ds should not be omitted if the local status outputs are used. If the
local status outputs are not used, LS1 should be connected to COM1 and LS2 to COM2
in order to increase the noise immunity of the driver.
Configuration within the Power Section
The drivers should be located as closely as possible to the power transistors. The
connecting leads to the transistors should be as short as possible and as low inductance
as possible, i.e. they can be up to 3cm to 10cm long depending on the gate current and
switching speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com